Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

40MT..K Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 40MT..K
Description  Three Phase Bridge (Power Modules), 40 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40MT..K Datasheet(HTML) 4 Page - Vishay Siliconix

  40MT..K Datasheet HTML 1Page - Vishay Siliconix 40MT..K Datasheet HTML 2Page - Vishay Siliconix 40MT..K Datasheet HTML 3Page - Vishay Siliconix 40MT..K Datasheet HTML 4Page - Vishay Siliconix 40MT..K Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VS-40MT160KPbF
www.vishay.com
Vishay Semiconductors
Revision: 15-Sep-17
4
Document Number: 93163
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 6 - Thermal Impedance ZthJC Characteristics
ORDERING INFORMATION TABLE
Note
• To order the optional hardware go to www.vishay.com/doc?95172
CIRCUIT CONFIGURATION
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95004
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
93163_06
Steady state value
R
thJC = 2.46 °C/W
(DC operation)
Per junction
2
-
Current rating code: 4 = 40 A (average)
1
-
Vishay Semiconductors product
3
-
Three phase diodes bridge
4
-
Essential part number
5
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
6
-
PbF = lead (Pb)-free
Device code
2
5
3
6
7
4
1
VS-
0
MT
160
K
PbF
A
B
C
D
E
F
+
-
~



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com