Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADP2503 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP2503
Description  6A Low Noise, High Performance Buck-Boost DC/DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2503 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP2503 Datasheet HTML 9Page - Analog Devices ADP2503 Datasheet HTML 10Page - Analog Devices ADP2503 Datasheet HTML 11Page - Analog Devices ADP2503 Datasheet HTML 12Page - Analog Devices ADP2503 Datasheet HTML 13Page - Analog Devices ADP2503 Datasheet HTML 14Page - Analog Devices ADP2503 Datasheet HTML 15Page - Analog Devices ADP2503 Datasheet HTML 16Page - Analog Devices ADP2503 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LT3154
13
Rev. 0
For more information www.analog.com
OPERATION
Introduction
The LT3154 is a 6A synchronous buck‑boost DC/DC con‑
verter optimized for demanding high current applications.
The low RDS(ON), low gate charge synchronous switches
provide, highly efficient, high frequency pulse width
modulation control. The LT3154 utilizes a proprietary low
noise switching algorithm, which allows its output voltage
to be regulated above, below or equal to the input voltage.
Burst Mode capability is included in the LT3154 and is
user‑selectedviatheSYNC/MODEinputpin.InBurstMode
operation, the LT3154 provides exceptional efficiency at
light output loads by operating the converter only when
necessary to maintain voltage regulation. At higher loads,
the LT3154 automatically transitions to fixed frequency
PWM operation. Continuous PWM mode can also be
selected via the SYNC/MODE pin for low noise operation.
The LT3154 features an accurate, resistor programmable
EN/UVLO comparator which allows the buck‑boost DC/
DC converter to turn on and off at user‑selected voltage
thresholds depending on the power source. Other pro‑
grammable features include the soft‑start period, oscilla‑
tor frequency and output voltage. Default values for each
feature can selected by connecting pins to VIN or GND,
reducing external component count.
Power Stage Topology
Theswitchtopologyforthebuck‑boostconverterisshown
in Figure 1. When the input voltage is significantly greater
thantheoutputvoltage,thebuck‑boostconverteroperates
in buck mode. Switch D turns on continuously and switch
Cremainsoff.SwitchesAandBarepulsewidthmodulated
to produce the required duty cycle to support the output
regulation voltage. As the input voltage decreases, switch
A remains on for a larger portion of the switching cycle.
As the input voltage approaches the output voltage, the
period of switch B will shorten and switch C will begin to
turn on to maintain regulation. The voltages where this
transition region occur will vary depending on load cur‑
rent and switching frequency. Additional inductor current
Figure 1. Buck-Boost Switch Topology
PVIN
AGATE
SW1
A
B
D
C
SW2
BGATE
DGATE
CGATE
3154 F01
PGND
PVOUT
ripple may occur as SW1 and SW2 begin to transition on/
off near the edges of their respective PWM ramps (see
blockdiagram).Astheinputvoltagedropsbelowtheoutput
voltage, switch A remains on continuously while switch
pair CD is pulse width modulated to obtain the desired
output voltage. At this point, the converter is operating
solely in boost mode.
This switching algorithm provides a smooth transition
between operating modes and reduces discontinuities
in average inductor current, inductor current ripple, and
loop transfer function throughout all three operational
modes. These advantages result in increased efficiency
and stability in comparison to the traditional four‑switch
buck‑boost converter.
PWM Mode Operation
If the SYNC/MODE pin is high or if the load current on the
converter is high enough to force PWM mode operation,
the LT3154 operates at a fixed frequency programmed by
theRTpin.PWMmodeminimizesoutputvoltagerippleand
yields a low noise switching frequency spectrum. A pro‑
prietaryswitchingalgorithmprovidesseamlesstransitions
betweenoperatingmodesandeliminatesdiscontinuitiesin
the average inductor current, inductor ripple current and
loop transfer function throughout all modes of operation.
These advantages result in increased efficiency, improved
loop stability, and lower output voltage ripple. In response
to the internal control loop command, an internal pulse
width modulator generates the appropriate switch duty
cycle to maintain regulation of the output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com