Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XCKS141 Datasheet(PDF) 2 Page - Schneider Electric

Part # XCKS141
Description  Limit switches XC Standard
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCKS141 Datasheet(HTML) 2 Page - Schneider Electric

  XCKS141 Datasheet HTML 1Page - Schneider Electric XCKS141 Datasheet HTML 2Page - Schneider Electric XCKS141 Datasheet HTML 3Page - Schneider Electric XCKS141 Datasheet HTML 4Page - Schneider Electric XCKS141 Datasheet HTML 5Page - Schneider Electric XCKS141 Datasheet HTML 6Page - Schneider Electric XCKS141 Datasheet HTML 7Page - Schneider Electric XCKS141 Datasheet HTML 8Page - Schneider Electric XCKS141 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Q300, DC-13 (Ue = 250 V), Ie = 0.27 A conforming to EN/IEC 60947-5-1 appendix A
[Ithe] conventional enclosed
thermal current
10 A AC
[Ui] rated insulation voltage
300 V conforming to UL 508
500 V (pollution degree 3) conforming to IEC 60947-1
300 V conforming to CSA C22.2 No 14
Maximum resistance across
terminals
25 MOhm conforming to IEC 60255-7 category 3
[Uimp] rated impulse withstand
voltage
6 kV conforming to IEC 60664
6 kV conforming to IEC 60947-1
Short-circuit protection
10 A cartridge fuse, type gG
Electrical durability
5000000 cycles, DC-13, inductive load type, 120 V, 4 W, operating rate <60 cyc/mn, load factor: 0.5
conforming to IEC 60947-5-1 appendix C
5000000 cycles, DC-13, inductive load type, 24 V, 10 W, operating rate <60 cyc/mn, load factor: 0.5
conforming to IEC 60947-5-1 appendix C
5000000 cycles, DC-13, inductive load type, 48 V, 7 W, operating rate <60 cyc/mn, load factor: 0.5
conforming to IEC 60947-5-1 appendix C
Mechanical durability
20000000 cycles
Width
40 mm
Height
117…172 mm
Depth
57 mm
Net weight
0.165 kg
Terminals description ISO n°1
(13-14)NO
(21-22)NC
Environment
Shock resistance
40 gn for 11 ms conforming to IEC 60068-2-27
Vibration resistance
25 gn (f= 10…500 Hz) conforming to IEC 60068-2-6
IP degree of protection
IP67 conforming to IEC 60529
IP66 conforming to IEC 60529
IK degree of protection
IK05 conforming to EN 50102
Electrical shock protection
class
Class II conforming to IEC 61140
Class II conforming to NF C 20-030
Overvoltage category
Class II conforming to IEC 61140
Class II conforming to NF C 20-030
Ambient air temperature for
operation
-25…70 °C
Ambient air temperature for
storage
-40…70 °C
Protective treatment
TC
Product certifications
UL
CSA
CCC
Standards
UL 508
IEC 60204-1
EN 60947-5-1
IEC 60947-5-1
CENELEC EN 50041
EN 60204-1
CSA C22.2 No 14
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Height
4.1 cm
Package 1 Width
9.6 cm
2
Feb 12, 2023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com