Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZMD30011 Datasheet(PDF) 8 Page - Zentrum Mikroelektronik Dresden AG

Part # ZMD30011
Description  LIN Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZMD30011 Datasheet(HTML) 8 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZMD30011 Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG ZMD30011 Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG ZMD30011 Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG ZMD30011 Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG ZMD30011 Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG ZMD30011 Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG ZMD30011 Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG ZMD30011 Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG ZMD30011 Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Copyright © 2006, ZMD AG, Rev. 0.8, 2006-04-12
8/22
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written
consent of the copyright owner. The Information furnished in this publication is preliminary and subject to changes without notice.
ZMD30011
LIN Transceiver
Datasheet
PRELIMINARY
3.3
TXD Dominant Time-out Function
An internal timer prevents the LIN-bus from being permanently driven in dominant state. If TXD is at low level for
longer than tBus_dom > tTXDTIMEOUT the pin LIN is switched of to recessive mode. To reset this mode the pin TXD has to
be switched high before switching LIN to dominant state again.
3.4
Internal Voltage Regulator
The transceiver has an internal voltage regulator generating a voltage VDD=5V from the battery supply VSUP. This
works in all operation modes. In the sleep-mode this voltage regulator changes into a low-power-mode. This mode
guaranties the supply of the receiver and the sequence control.
3.5
Battery Voltage Control
The battery voltage control is realized indirectly by a power-on-clear-circuit supervising the internal supply VDD. This
circuit gives a signal to the sequence control if the external supply voltage VSUP falls below 6.5V. In this case a
contingent bus transfer can be prevented and the transceiver changes into the wait-mode.
3.6
3.3V and 5V Logic Capability
The ZMD30011 can be used for 3.3V and 5V micro controllers. EN, RXD and TXD are capable to operate with both
voltage levels. Therefore an external pull-up resistor is required at the RXD pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com