Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74F169 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F169
Description  4-bit up/down binary synchronous counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F169 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F169 Datasheet HTML 1Page - NXP Semiconductors 74F169 Datasheet HTML 2Page - NXP Semiconductors 74F169 Datasheet HTML 3Page - NXP Semiconductors 74F169 Datasheet HTML 4Page - NXP Semiconductors 74F169 Datasheet HTML 5Page - NXP Semiconductors 74F169 Datasheet HTML 6Page - NXP Semiconductors 74F169 Datasheet HTML 7Page - NXP Semiconductors 74F169 Datasheet HTML 8Page - NXP Semiconductors 74F169 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74F169
4-bit up/down binary synchronous counter
2
1996 Jan 05
853–0350 16190
FEATURES
Synchronous counting and loading
Up/Down counting
Modulo 16 binary counter
Two Count Enable inputs for n-bit cascading
Positive edge-triggered clock
Built-in carry look-ahead capability
Presettable for programmable operation
DESCRIPTION
The 74F169 is a 4-bit synchronous, presettable Modulo 16 up/down
counter featuring an internal carry look-ahead for applications in
high-speed counting designs. Synchronous operation is provided by
having all flip-flops clocked simultaneously so that the outputs
change coincident with each other when instructed by the Count
Enable inputs and internal gating. This mode of operation eliminates
the output spikes which are normally associated with asynchronous
(ripple clock) counters. A buffered clock input triggers the flip-flops
on the Low-to-High transition of the clock.
The counter is fully programmable; that is, the outputs may be
preset to either level.
Presetting is synchronous with the clock and takes place regardless
of the levels of the Count Enable inputs. A Low level on the Parallel
Enable (PE) input disables the counter and causes the data at the
Dn input to be loaded into the counter on the next Low-to-High
transition of the clock.
The direction of counting is controlled by the Up/Down (U/D) input; a
High will cause the count to increase, a Low will cause the count to
decrease.
The carry look-ahead circuitry provides for n-bit synchronous
applications without additional gating. Instrumental in accomplishing
this function are two Count Enable inputs (CET
, CEP) and a
Terminal Count (TC) output. Both Count Enable inputs must be Low
to count. The CET input is fed forward to enable the TC output. The
TC output thus enabled will produce a Low output pulse with a
duration approximately equal to the High level portion of the Q0
output. The Low level TC pulse is used to enable successive
cascaded stages.
PIN CONFIGURATION
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
VCC
TC
Q0
Q1
Q2
Q3
CET
PE
U/D
CP
D0
D1
D2
D3
CEP
GND
SF00766
TYPE
TYPICAL fMAX
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F169
115MHz
35mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG
DWG #
16-pin plastic DIP
N74F169N
SOT38-4
16-pin plastic SO
N74F169D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0 - D3
Parallel data inputs
1.0/1.0
20
µA/0.6mA
CEP
Count Enable parallel input (active Low)
1.0/1.0
20
µA/0.6mA
CET
Count Enable Trickle input (active Low)
1.0/2.0
20
µA/1.2mA
CP
Clock input (active rising edge)
1.0/1.0
20
µA/0.6mA
PE
Parallel Enable input (active Low)
1.0/1.0
20
µA/0.6mA
U/D
Up/Down count control input
1.0/1.0
20
µA/0.6mA
Q0 - Q3
Flip-flop outputs
50/33
1.0mA/20mA
TC
Terminal count output (active Low)
50/33
1.0mA/20mA
NOTE: One (1.0) FAST Unit Load (U.L.) is defined as: 20
µA in the High state and 0.6mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com