Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT3960 Datasheet(PDF) 8 Page - Analog Devices

Part # LT3960
Description  I2C to CAN-Physical Transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3960 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT3960_V01 Datasheet HTML 4Page - Analog Devices LT3960_V01 Datasheet HTML 5Page - Analog Devices LT3960_V01 Datasheet HTML 6Page - Analog Devices LT3960_V01 Datasheet HTML 7Page - Analog Devices LT3960_V01 Datasheet HTML 8Page - Analog Devices LT3960_V01 Datasheet HTML 9Page - Analog Devices LT3960_V01 Datasheet HTML 10Page - Analog Devices LT3960_V01 Datasheet HTML 11Page - Analog Devices LT3960_V01 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LT3960
8
Rev. B
For more information www.analog.com
PIN FUNCTIONS
CANSDAL (Pin 1): Low Level CAN Bus Line. Carries the
I2C data bus.
CANSDAH (Pin 2): High Level CAN Bus Line. Carries the
I2C data bus.
CANSCLH (Pin 4): High Level CAN Bus Line. Carries the
I2C clock bus.
CANSCLL (Pin 5): Low Level CAN Bus Line. Carries the
I2C clock bus.
GND (Pin 3 and Exposed Pad): Ground. Solder the
exposed pad and pin directly to the ground plane.
VIN (Pin 6): Input Voltage Supply. This pin is the power
supply input to the LDO. It must be locally bypassed with
a 1µF filter capacitor to GND as close to the pin as possi-
ble. If the LDO function is unused, tie VIN to VCC.
EN/MODE (Pin 7): MODE/Shutdown pin. Tie above 2.5V
to select master mode, float pin to select slave mode, or
pull this pin to ground for low-power shutdown mode.
VCC (Pin 8): Low Dropout Regulator Output and Device
Power Supply Input. Bypass this pin with a 2.2µF or
greater capacitor to ground. Any bypass capacitors must
be located as close to the pin as possible.
SCL (Pin 9): Clock Input or Output Pin for the I2C Serial
Port. When EN/MODE is 2.5V or above, the SCL pin is
an input for the master clock. When EN/MODE is float-
ing, the SCL pin is an output for data received on the
CANSCLH/L pins.
SDA (Pin 10): Data Input and Output Pin for the I2C
Serial Port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com