Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SS8050 Datasheet(PDF) 2 Page - Weitron Technology

Part # SS8050
Description  NPN General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SS8050 Datasheet(HTML) 2 Page - Weitron Technology

  SS8050 Datasheet HTML 1Page - Weitron Technology SS8050 Datasheet HTML 2Page - Weitron Technology SS8050 Datasheet HTML 3Page - Weitron Technology SS8050 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS8050
WEITRON
http://www.weitron.com.tw
DYNAMIC CHARACTERISTICS
Transition frequency
VCE=10 V, IC=50 mA, f=30MHz
fT
100
-
DC Current Gain
VCE=1V, IC=100mA
VCE=1V, IC=800 mA
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
IC=800mA, IB=80mA
IC=800mA, IB=80mA
Base-Emitter ON Voltage
VCE=1V, IC=10mA)
hFE
VCE(sat)
VBE(sat)
-
-
-
-
V
V
ON CHARACTERISTICS
(1)
hFE(2)
85
40
400
MHz
CLASSIFICATION OF hFE(2)
Rank
Range
C
B
D
E
85-160
120-200
160-300
300-400
0.5
1.2
VBE(ON)
-
-
-
-
-
-
V
1
2/4
19-Jul-05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com