Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RK Datasheet(PDF) 5 Page - C&K Components

Part # RK
Description  Microminiature SMT Top Actuated Tact Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

RK Datasheet(HTML) 5 Page - C&K Components

  RK Datasheet HTML 1Page - C&K Components RK Datasheet HTML 2Page - C&K Components RK Datasheet HTML 3Page - C&K Components RK Datasheet HTML 4Page - C&K Components RK Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NEW
B–180
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
RK Series
Microminiature SMT Top Actuated Tact Switch
8 Apr 22
RKC 3.5 X 2.6 X 1.4 MM
2,2 0,3
1,7
3,5 0,15
3,05 0,3
1
3
4
2
SEE DETAIL B
2,5
3,9
SCHEMATIC
1
2
3
4
RECOMMENDED PCB LAYOUT
1
2
3
4
18,4 Max.
330
13 0,5
21 0,8
2 0,5
12,4+2
0
4
2
1,5 +0,1
0
4
CARRIER TAPE
REEL
Reel
(Polystyrene)
SEE DETAIL A
DETAIL A
SCALE 0,5
Cover tape
(Polyester)
Carrier tape
(Polystyrene)
B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com