Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STD3NK80Z-1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STD3NK80Z-1
Description  N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3NK80Z-1 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STD3NK80Z-1 Datasheet HTML 4Page - STMicroelectronics STD3NK80Z-1 Datasheet HTML 5Page - STMicroelectronics STD3NK80Z-1 Datasheet HTML 6Page - STMicroelectronics STD3NK80Z-1 Datasheet HTML 7Page - STMicroelectronics STD3NK80Z-1 Datasheet HTML 8Page - STMicroelectronics STD3NK80Z-1 Datasheet HTML 9Page - STMicroelectronics STD3NK80Z-1 Datasheet HTML 10Page - STMicroelectronics STD3NK80Z-1 Datasheet HTML 11Page - STMicroelectronics STD3NK80Z-1 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Electrical characteristics
STD3NK80Z-1, STD3NK80ZT4, STF3NK80Z,
STP3NK80Z
8/29
DocID9565 Rev 7
Figure 14: Normalized V(BR)DSS vs. temperature
Figure 15: Maximum avalanche energy vs.
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com