Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMCP9801A5-M/MSG Datasheet(PDF) 12 Page - Microchip Technology

Part # AMCP9801A5-M/MSG
Description  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AMCP9801A5-M/MSG Datasheet(HTML) 12 Page - Microchip Technology

Back Button AMCP9801A5-M/MSG Datasheet HTML 8Page - Microchip Technology AMCP9801A5-M/MSG Datasheet HTML 9Page - Microchip Technology AMCP9801A5-M/MSG Datasheet HTML 10Page - Microchip Technology AMCP9801A5-M/MSG Datasheet HTML 11Page - Microchip Technology AMCP9801A5-M/MSG Datasheet HTML 12Page - Microchip Technology AMCP9801A5-M/MSG Datasheet HTML 13Page - Microchip Technology AMCP9801A5-M/MSG Datasheet HTML 14Page - Microchip Technology AMCP9801A5-M/MSG Datasheet HTML 15Page - Microchip Technology AMCP9801A5-M/MSG Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
MCP9800/1/2/3
DS21909C-page 12
 2010 Microchip Technology Inc.
FIGURE 4-1:
Device Addressing.
4.1.5
DATA VALID
After the Start condition, each bit of data in
transmission needs to be settled for a time specified by
tSU-DATA before SCL toggles from low-to-high (see
“Serial Interface Timing Specifications” on Page 5
).
4.1.6
ACKNOWLEDGE (ACK)
Each receiving device, when addressed, is obliged to
generate an ACK bit after the reception of each byte.
The master device must generate an extra clock pulse
for ACK to be recognized.
The acknowledging device pulls down the SDA line for
tSU-DATA before the low-to-high transition of SCL from
the master. SDA also needs to remain pulled down for
tH-DATA after a high-to-low transition of SCL.
During read, the master must signal an End-of-Data
(EOD) to the slave by not generating an ACK bit (NAK)
once the last bit has been clocked out of the slave. In
this case, the slave will leave the data line released to
enable the master to generate the Stop condition.
1
2345
67
8
9
SCL
SDA
10
0
1
A2 A1 A0
Start
Address Byte
Slave
Address
R/W
PIC18FXXXX
Response
Code
Address
A
C
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com