Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCLT111. Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TCLT111.
Description  Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT111. Datasheet(HTML) 5 Page - Vishay Siliconix

  TCLT111. Datasheet HTML 1Page - Vishay Siliconix TCLT111. Datasheet HTML 2Page - Vishay Siliconix TCLT111. Datasheet HTML 3Page - Vishay Siliconix TCLT111. Datasheet HTML 4Page - Vishay Siliconix TCLT111. Datasheet HTML 5Page - Vishay Siliconix TCLT111. Datasheet HTML 6Page - Vishay Siliconix TCLT111. Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TCLT111. Series
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 15-Oct-15
5
Document Number: 81282
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE DIMENSIONS in millimeters
PACKAGE MARKING
TAPE AND REEL DIMENSIONS (in millimeters)
Fig. 6 - Reel Dimensions
Fig. 7 - Tape Packing
22534
7.50 ± 0.20
0.70
+ 0.30
- 0.40
technical drawings
according to DIN
specifications
8.20
10.80
Possible footprint
4.10 max.
3.80
2.54 nom.
1
2
53
0.45 ± 0.1
+ 0.30
- 0.40
10.20
4
1.27 nom.
Pin no. 1 identification
TCLT1113
V YWW 68
ESD sticker
Tape slot
in core
330
(13")
Regular, special
or bar code label
17999
4.25
8
2
4
Ø 1.55
2.3
2.7
0.3
Direction of pulling out



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com