Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

P9412 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # P9412
Description  30W Wireless Transmitter/Receiver (TRx)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9412 Datasheet(HTML) 4 Page - Renesas Technology Corp

  P9412 Datasheet HTML 1Page - Renesas Technology Corp P9412 Datasheet HTML 2Page - Renesas Technology Corp P9412 Datasheet HTML 3Page - Renesas Technology Corp P9412 Datasheet HTML 4Page - Renesas Technology Corp P9412 Datasheet HTML 5Page - Renesas Technology Corp P9412 Datasheet HTML 6Page - Renesas Technology Corp P9412 Datasheet HTML 7Page - Renesas Technology Corp P9412 Datasheet HTML 8Page - Renesas Technology Corp P9412 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
P9412 Datasheet
R35DS0011EU0120 Rev.1.2
Jul.6.21
Page 4
1.
Pin Information
1.1
Pin Assignments
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
G
H
GPIO3
GPOD
4
PCLA
MP_Dr
GND
GND
GND
SDA
(OD2)
GND
GND
GPIO5
CP
BST2
GPIO0
CP
BST1
GND
GPOD
6
GPIO4
SCL
(OD1)
/INT
(OD3)
GPIO2
CPGND
CPP
CPGND
GND
DEMOD
GND
nEN
VO UT
_S
VO UT
V1P8
AP
CMB
V
SENSE
V
RECT
LDO
5P0
TxEN
CM2
ISP
V
RECT
BST2
CP
OUT
CPP
CPGND
CP
OUT
CPP
CPGND
VO UT
V
RECT
V
RECT
V
RECT
V5P0
AP
CMA
ISN
AC1
BST1
AC2
AC2
1
2
3
4
5
6
7
8
9
GPIO1
CPN
CPN
GPOD
0
CP
OUT
V
RECT
AC2
LDO
1P8
PG ND
J
AC1
GND
CM1
PCLA
MP
PG ND
PG ND
PG ND
PG ND
CPN
VO UT
GPOD
5
AC1
AC1
AC1
V
RECT
VO UT
CP
BST3
Figure 2. Pin Assignments – Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com