Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FSR175 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # FSR175
Description  Axial Leaded PTC FSR Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FSR175 Datasheet(HTML) 1 Page - DB Lectro Inc

  FSR175 Datasheet HTML 1Page - DB Lectro Inc FSR175 Datasheet HTML 2Page - DB Lectro Inc FSR175 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Electrical Characteristics(23
)
Resistance Tolerance
Hold
Current
Trip
Current
Rated
Voltage
Maximum
Current
Typical
Power
RMIN RMAX R1MAX
Part
Number
Fig
IH,A
IT,A
V MAX, Vdc
IMAX, A
Pd, W
ΩΩ
Ω
FSR120
1
1.2
2.7
15
100
1.2
0.085
0.160
0.220
FSR120S
2
1.2
2.7
15
100
1.2
0.085
0.160
0.220
FSR175
1
1.75
3.8
15
100
1.5
0.050
0.090
0.120
FSR175S
2
1.75
3.8
15
100
1.5
0.050
0.090
0.120
FSR200
1
2.0
4.4
30
100
1.9
0.030
0.060
0.100
FSR350
1
3.5
6.3
30
100
2.5
0.017
0.031
0.050
FSR420
1
4.2
7.6
30
100
2.9
0.012
0.024
0.040
IH=Hold current-maximum current at which the device will not trip at 23
still air.
IT=Trip current-minimum current at which the device will always trip at 23
still air.
V MAX=Maximum voltage device can withstand without damage at its rated current.
I MAX= Maximum fault current device can withstand without damage at rated voltage (V max).
Pd=Maximum power dissipated from device when in the tripped state in 23
still air environment.
RMIN=Minimum device resistance at 23 .
R1MAX=Maximum device resistance at 23
, 1 hour after tripping.
Physical specifications:
Lead material:0.13mm nominal thickness, quarter-hard nickel.
Insulating material:Polyester tape.
Application:
Rechargeable battery packs
Lithium cell and battery packs
Product Features:
Low profile, Solid state
Operation Current: 1.2A~4.2 A
Maximum Voltage: 15V& 30V
Temperature Range: -40
to 85
Agency Approvals:UL(E211981),
C-UL(pending)
TÜV(R3-50004084)
Axial Leaded PTC FSR Series
FUZETEC
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2


Similar Part No. - FSR175

ManufacturerPart #DatasheetDescription
logo
RFE international
FSR175F RFE-FSR175F Datasheet
111Kb / 2P
STRAP TYPE PPTC FSR Series
logo
Fuzetec Technology Co.,...
FSR175F FUZETEC-FSR175F Datasheet
73Kb / 3P
Axial Leaded PTC Resettable Fuse: FSR Series
logo
RFE international
FSR175F RFE-FSR175F Datasheet
450Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
More results

Similar Description - FSR175

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FLR190 DBLECTRO-FLR190 Datasheet
108Kb / 3P
Axial Leaded PTC FLR Series
FLT070 DBLECTRO-FLT070 Datasheet
99Kb / 3P
Axial Leaded PTC FLT Series
logo
Schurter Inc.
PFLR SCHURTER-PFLR Datasheet
115Kb / 2P
Axial leaded PTC-Fuses
PFLT SCHURTER-PFLT Datasheet
96Kb / 2P
Axial leaded PTC-Fuses
PFST SCHURTER-PFST Datasheet
103Kb / 2P
Axial leaded PTC-Fuses
PFVS SCHURTER-PFVS Datasheet
120Kb / 2P
Axial leaded PTC-Fuses
logo
Fuzetec Technology Co.,...
FLR190F FUZETEC-FLR190F Datasheet
82Kb / 3P
Axial Leaded PTC Resettable Fuse: FLR Series
FSR120F FUZETEC-FSR120F Datasheet
73Kb / 3P
Axial Leaded PTC Resettable Fuse: FSR Series
FVL170F FUZETEC-FVL170F Datasheet
68Kb / 3P
Axial Leaded PTC Resettable Fuse: FVL Series
FVT110F FUZETEC-FVT110F Datasheet
79Kb / 3P
Axial Leaded PTC Resettable Fuse: FVT Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com