Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STF10NK50Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF10NK50Z
Description  N-channel 500 V, 0.55 Ω, 9 A Zener-protected SuperMESH™ Power MOSFET in TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF10NK50Z Datasheet(HTML) 3 Page - STMicroelectronics

  STF10NK50Z_V01 Datasheet HTML 1Page - STMicroelectronics STF10NK50Z_V01 Datasheet HTML 2Page - STMicroelectronics STF10NK50Z_V01 Datasheet HTML 3Page - STMicroelectronics STF10NK50Z_V01 Datasheet HTML 4Page - STMicroelectronics STF10NK50Z_V01 Datasheet HTML 5Page - STMicroelectronics STF10NK50Z_V01 Datasheet HTML 6Page - STMicroelectronics STF10NK50Z_V01 Datasheet HTML 7Page - STMicroelectronics STF10NK50Z_V01 Datasheet HTML 8Page - STMicroelectronics STF10NK50Z_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STF10NK50Z
Electrical ratings
Doc ID 022992 Rev 1
3/13
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
500
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
9 (1)
1.
Limited by maximum junction temperature.
A
ID
Drain current (continuous) at TC=100 °C
5.7 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
36 (1)
A
PTOT
Total dissipation at TC = 25 °C
30
W
Derating factor
0.24
W/°C
ESD
Gate-source human body model
(C=100 pF, R=1.5 k
Ω)
4kV
dv/dt(3)
3.
ISD ≤9 A, di/dt ≤200 A/µs,VDD ≤V(BR)DSS, Tj ≤TJMAX
Peak diode recovery voltage slope
4.5
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t=1 s;TC=25 °C)
2500
V
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
4.2
°C/W
Rthj-a
Thermal resistance junction-ambient max
62.5
°C/W
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
9A
EAS
Single pulse avalanche energy
(starting Tj=25°C, ID=IAR, VDD=50 V)
230
mJ
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com