Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC-710AI Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # MIC-710AI
Description  AI Inference System based on NVIDIA Jetson® NANO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIC-710AI Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  MIC-710AI Datasheet HTML 1Page - Advantech Co., Ltd. MIC-710AI Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RISC Computing Platforms
Features
MIC-710AI
RoHS
COMPLIANT
2002/95/EC
ƒ
Fanless and compact design
ƒ
NVIDIA Jetson® NANO embedded
ƒ
2 x LAN port embedded
ƒ
Linux OS with BSP (board support package)
ƒ
Supports deep learning trained models
ƒ
Wide-operating temperature range
AI Inference System based on NVIDIA
Jetson® NANO
Specifications
Processor System
CPU
Quad Core ARM Cortex A57 (Max. Operating Frequency: 1.43GHz)
GPU
Maxwell GPU, 128 CUDA core, Performance up to 512 GFLOPS (FP16) (Max. Frequency: 921MHz)
Memory
4GB LPDDR4
Flash
16G of eMMC
Ethernet
Interface
RJ-45
Controller
Intel® i211
Speed
2 x Gigabit Ethernet (10/100/1000 Mbps)
I/O
Display
HDMI (Max. resolution 3840x2160 @ 60Hz)
USB
External
USB2.0 x 1
USB3.0 x 1
Internal
USB2.0 x 1
OTG USB (Internal)
1 x Micro USB
DI/DO
4bit In, 4bit Out
COM
1 x RS-232/RS-422/RS-485
Expansion
MiniPCIe (iDoor)
1 x MiniPCIe
Storage
M.2 SATA
1 x M.2 2280 (M Key, SATA interface)
SD card
1 x Micro SD (Support for SD 4.0 Specification without UHS-II)
Power
Power Supply
Power Adaptor: 19-24V (1.5A-1.18A)
Power Type
Terminal Block 2 Pin
Environment
Operational Temperature
-10 ~ 60 °C with 0.7 m/s air flow (Max-P ARM mode)
Operating Humidity
95% @ 40 °C (non-condensing)
Vibration
3 Grms @ 5 ~ 500 Hz, random, 1 hr/axis
Mechanical
Dimensions (W x D x H)
147 x 118 x 52 (mm)
Weight
1.2 kg
Installation
Desktop/DIN RAIL
Operating System
Linux
Ubuntu 18.04 with JetPack
Certifications
CE/FCC/BSMI/CCC (No RED certification)
All product specifications are subject to change without notice.
Last updated: 25-Jul-2022


Similar Part No. - MIC-710AI

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-710AIL ADVANTECH-MIC-710AIL Datasheet
627Kb / 2P
AI Inference System (Lite) based on NVIDIA® Jetson Nano™
6-May-2022
MIC-710AIL-00B1 ADVANTECH-MIC-710AIL-00B1 Datasheet
627Kb / 2P
AI Inference System (Lite) based on NVIDIA® Jetson Nano™
6-May-2022
MIC-710AIL-00B2 ADVANTECH-MIC-710AIL-00B2 Datasheet
627Kb / 2P
AI Inference System (Lite) based on NVIDIA® Jetson Nano™
6-May-2022
MIC-710AIL-DVA ADVANTECH-MIC-710AIL-DVA Datasheet
1Mb / 2P
AI Developer Kit Based on NVIDIA® Jetson Nano™
17-May-2023
MIC-710AIL-DVA1 ADVANTECH-MIC-710AIL-DVA1 Datasheet
879Kb / 2P
NVIDIA® Jetson Nano™ Developer Kit
21-Jun-2022
More results

Similar Description - MIC-710AI

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIR-020N ADVANTECH-AIR-020N Datasheet
1Mb / 3P
AI Inference System Based on NVIDIA® Jetson™ Nano
19-Aug-2022
AIR-030 ADVANTECH-AIR-030 Datasheet
809Kb / 3P
AI Inference System Based on NVIDIA® Jetson AGX Orin
29-Aug-2022
MIC-710AIL ADVANTECH-MIC-710AIL Datasheet
627Kb / 2P
AI Inference System (Lite) based on NVIDIA® Jetson Nano™
6-May-2022
MIC-710AIT ADVANTECH-MIC-710AIT Datasheet
608Kb / 2P
AI Inference System Based on NVIDIA® Jetson™ TX2 NX
25-Jul-2022
MIC-710AIX ADVANTECH-MIC-710AIX Datasheet
608Kb / 2P
AI Inference System Based on NVIDIA® Jetson™ Xavier NX
25-Jul-2022
MIC-711-ON ADVANTECH-MIC-711-ON Datasheet
390Kb / 2P
AI Inference System Based on NVIDIA® Jetson Orin™ Nano
23-Dec-2022
MIC-711D-OX ADVANTECH-MIC-711D-OX Datasheet
781Kb / 2P
AI Inference System Based on NVIDIA® Jetson Orin™ NX
21-Dec-2022
MIC-713S-OX ADVANTECH-MIC-713S-OX Datasheet
1Mb / 2P
AI Inference System Based on NVIDIA® Jetson Orin™ NX
4-Jan-2023
MIC-715 ADVANTECH-MIC-715 Datasheet
656Kb / 2P
AI Inference System Based on NVIDIA® Jetson™ Xavier NX
5-Oct-2022
MIC-730AI ADVANTECH-MIC-730AI Datasheet
556Kb / 2P
AI Inference System based on NVIDIA Jetson® Xavier
14-Apr-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com