Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

09120123006 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09120123006
Description  Han 12Q-MI-CRT- Hybrid
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09120123006 Datasheet(HTML) 1 Page - HARTING Technology Group

  09120123006 Datasheet HTML 1Page - HARTING Technology Group 09120123006 Datasheet HTML 2Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
09 12 012 3006
Han 12Q-MI-CRT- Hybrid
Han 12Q-MI-CRT- Hybrid
Image is for illustration purposes only. Please refer to product description.
Part number
09 12 012 3006
Specification
Han 12Q-MI-CRT- Hybrid
HARTING eCatalogue
https://b2b.harting.com/09120123006
Version
Termination method
Crimp termination
Gender
Male
Size
3 A
Number of contacts
8
Number of signal contacts
4
Number of power contacts
4
PE contact
Yes
Details
Please order crimp contacts separately.
4x Han E®
4x Han D®
Please order data or coding element separately.
Details
Please contact your local HARTING subsidiary for selection of suitable angled
hood or housing in case of application with data element.
Technical characteristics
Conductor cross-section
0.14 ... 2.5 mm² Signal
0.14 ... 4 mm² Power
Conductor cross-section
AWG 26 ... AWG 14 Signal
AWG 26 ... AWG 12 Power
Rated current (signal)
10 A
Rated voltage (signal)
250 V
Rated impulse voltage (signal)
4 kV
Pollution degree (signal)
3
Rated current (power)
20 A
Rated voltage (power)
600 V
Page 1 / 2 | Creation date 2023-02-28 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Stiftung & Co. KG | Marienwerderstr. 3 | 32339 Espelkamp | Germany


Similar Part No. - 09120123006

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09120123001 HARTING-09120123001 Datasheet
467Kb / 2P
Han 12Q-SMC-MI-CRT-PE with QL
09120123002 HARTING-09120123002 Datasheet
471Kb / 2P
Han Q12-M for PCB-Adapter
09120123004 HARTING-09120123004 Datasheet
458Kb / 2P
Han Q12-M-QL 1,5mm짼 Inserts
09120123005 HARTING-09120123005 Datasheet
96Kb / 3P
Han 12Q-MI-CRT- Hybrid - Data
2023-02-28
More results

Similar Description - 09120123006

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-12-012-3101 HARTING-09-12-012-3101 Datasheet
464Kb / 2P
Han 12Q-SMC-FI-CRT-PE with QL
09-12-012-3001 HARTING-09-12-012-3001 Datasheet
467Kb / 2P
Han 12Q-SMC-MI-CRT-PE with QL
09-16-042-3001 HARTING-09-16-042-3001 Datasheet
474Kb / 2P
Han 42DD-SMC-MI-CRT Inserts
09-16-072-3001 HARTING-09-16-072-3001 Datasheet
477Kb / 2P
Han 72DD-SMC-MI-CRT
09-16-108-3001 HARTING-09-16-108-3001 Datasheet
479Kb / 2P
Han 108DD-SMC-MI-CRT Inserts
09-16-024-3001 HARTING-09-16-024-3001 Datasheet
477Kb / 2P
Han 24DD-SMC-MI-CRT Inserts
09-31-006-3001 HARTING-09-31-006-3001 Datasheet
500Kb / 2P
Han 6 HsB-SMC-MI-CRT
2021-10-01
09120123005 HARTING-09120123005 Datasheet
96Kb / 3P
Han 12Q-MI-CRT- Hybrid - Data
2023-02-28
09120123105 HARTING-09120123105 Datasheet
93Kb / 3P
Han 12Q-FI-CRT- Hybrid - Data
2023-02-28
09120123106 HARTING-09120123106 Datasheet
89Kb / 3P
Han 12Q-FI-CRT- Hybrid
2023-02-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com