Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

09120123105 Datasheet(PDF) 2 Page - HARTING Technology Group

Part # 09120123105
Description  Han 12Q-FI-CRT- Hybrid - Data
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09120123105 Datasheet(HTML) 2 Page - HARTING Technology Group

  09120123105 Datasheet HTML 1Page - HARTING Technology Group 09120123105 Datasheet HTML 2Page - HARTING Technology Group 09120123105 Datasheet HTML 3Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product data sheet
09 12 012 3105
Han 12Q-FI-CRT- Hybrid - Data
Technical characteristics
Rated impulse voltage (data)
0.8 kV
Pollution degree (data)
3
Rated current (signal)
10 A
Rated voltage (signal)
250 V
Rated impulse voltage (signal)
4 kV
Pollution degree (signal)
3
Rated current (power)
20 A
Rated voltage (power)
600 V
Rated impulse voltage (power)
6 kV
Pollution degree (power)
3
Transmission characteristics
Cat. 5 Class D up to 100 MHz
Data rate
10 Mbit/s
100 Mbit/s
Insulation resistance
>1010 Ω
Limiting temperature
-40 ... +85 °C
Mating cycles
≥500
Material properties
Material (insert)
Polycarbonate (PC)
Colour (insert)
RAL 7032 (pebble grey)
Material (shielding)
Copper alloy, nickel plated
Material flammability class acc. to UL 94
V-0
RoHS
compliant
ELV status
compliant
China RoHS
e
REACH Annex XVII substances
Not contained
REACH ANNEX XIV substances
Not contained
REACH SVHC substances
Not contained
California Proposition 65 substances
Yes
California Proposition 65 substances
Lead
Nickel
Fire protection on railway vehicles
EN 45545-2 (2020-08)
Requirement set with Hazard Levels
R22 (HL 1-3)
R23 (HL 1-3)
Page 2 / 3 | Creation date 2023-02-28 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Stiftung & Co. KG | Marienwerderstr. 3 | 32339 Espelkamp | Germany



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com