Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADP1763 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1763
Description  3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1763 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1763 Datasheet HTML 9Page - Analog Devices ADP1763 Datasheet HTML 10Page - Analog Devices ADP1763 Datasheet HTML 11Page - Analog Devices ADP1763 Datasheet HTML 12Page - Analog Devices ADP1763 Datasheet HTML 13Page - Analog Devices ADP1763 Datasheet HTML 14Page - Analog Devices ADP1763 Datasheet HTML 15Page - Analog Devices ADP1763 Datasheet HTML 16Page - Analog Devices ADP1763 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Data Sheet
LT3073
analog.com
Rev 0.
13 of 37
TYPICAL PERFORMANCE CHARACTERISTICS
TJ = 25°C unless noted otherwise.
Figure 10. Output Voltage
Figure 11. Output Voltage
Figure 12. Output Voltage
Figure 13. Output Voltage
Figure 14. GND Pin Current
Figure 15. GND Pin Current
VIN = 1.2V
VBIAS = 2.5V
ILOAD = 10mA
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0.990
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
1.008
1.010
VIN = 1.4V
VBIAS = 2.5V
ILOAD = 10mA
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
1.190
1.192
1.194
1.196
1.198
1.200
1.202
1.204
1.206
1.208
1.210
VIN = 3.5V
VBIAS = 5.5V
ILOAD = 10mA
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
3.280
3.284
3.288
3.292
3.296
3.300
3.304
3.308
3.312
3.316
3.320
VIN = 4.4V
VBIAS = 5.5V
ILOAD = 10mA
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
4.160
4.168
4.176
4.184
4.192
4.200
4.208
4.216
4.224
4.232
4.240
VIN = 1.5V
VOUT = 1.2V
VBIAS = 2.5V
TJ = +125°C
TJ = +25°C
TJ = –40°C
LOAD CURRENT (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
5
6
7
8
9
10
VIN = 1.5V
VOUT = 1.2V
VBIAS = 2.5V
ILOAD = 10mA
ILOAD = 3A
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com