Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74HC4016 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HC4016
Description  Quad bilateral switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4016 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC4016 Datasheet HTML 1Page - NXP Semiconductors 74HC4016 Datasheet HTML 2Page - NXP Semiconductors 74HC4016 Datasheet HTML 3Page - NXP Semiconductors 74HC4016 Datasheet HTML 4Page - NXP Semiconductors 74HC4016 Datasheet HTML 5Page - NXP Semiconductors 74HC4016 Datasheet HTML 6Page - NXP Semiconductors 74HC4016 Datasheet HTML 7Page - NXP Semiconductors 74HC4016 Datasheet HTML 8Page - NXP Semiconductors 74HC4016 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
December 1990
5
Philips Semiconductors
Product specification
Quad bilateral switches
74HC/HCT4016
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
Voltages are referenced to GND (ground = 0 V)
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
CONDITIONS
VCC
DC supply voltage
−0.5
+11.0
V
±I
IK
DC digital input diode current
20
mA
for VI <−0.5 V or VI > VCC + 0.5 V
±I
SK
DC switch diode current
20
mA
for VS <−0.5 V or VS > VCC + 0.5 V
±IS
DC switch current
25
mA
for
−0.5 V < VS < VCC + 0.5 V
±I
CC; ±IGND
DC VCC or GND current
50
mA
Tstg
storage temperature range
−65
+150
°C
Ptot
power dissipation per package
for temperature range:
−40 to +125 °C
74HC/HCT
plastic DIL
750
mW
above
+70 °C: derate linearly with 12 mW/K
plastic mini-pack (SO)
500
mW
above
+70 °C: derate linearly with 8 mW/K
PS
power dissipation per switch
100
mW
SYMBOL PARAMETER
74HC
74HCT
UNIT
CONDITIONS
min. typ. max.
min.
typ. max.
VCC
DC supply voltage
2.0
5.0
10.0
4.5
5.0
5.5
V
VI
DC input voltage range
GND
VCC
GND
VCC
V
VS
DC switch voltage range
GND
VCC
GND
VCC
V
Tamb
operating ambient temperature range
−40
+85
−40
+85
°C
see DC and AC
CHARACTERIS-
TICS
Tamb
operating ambient temperature range
−40
+125 −40
+125 °C
1000
VCC = 2.0 V
tr,tf
input rise and fall times
6.0
500
400
250
6.0
500
ns
VCC = 4.5 V
VCC = 6.0 V
VCC = 10.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com