Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM85C30 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM85C30
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM85C30 Datasheet HTML 1Page - Advanced Micro Devices AM85C30 Datasheet HTML 2Page - Advanced Micro Devices AM85C30 Datasheet HTML 3Page - Advanced Micro Devices AM85C30 Datasheet HTML 4Page - Advanced Micro Devices AM85C30 Datasheet HTML 5Page - Advanced Micro Devices AM85C30 Datasheet HTML 6Page - Advanced Micro Devices AM85C30 Datasheet HTML 7Page - Advanced Micro Devices AM85C30 Datasheet HTML 8Page - Advanced Micro Devices AM85C30 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
AMD
2
Am85C30
Enhancements that allow the Am85C30 to be used
more effectively in high-speed applications include:
s A 10
× 19 bit SDLC/HDLC frame status FIFO array
s A 14-bit SDLC/HDLC frame byte counter
s Automatic SDLC/HDLC opening frame flag
transmission
s TxD pin forced High in SDLC NRZI mode after
closing flag
s Automatic SDLC/HDLC Tx underrun/EOM flag
reset
s Automatic SDLC/HDLC Tx CRC generator reset/
preset
s
RTS synchronization to closing SDLC/HDLC flag
DTR/REQ deactivation delay significantly reduced
s External PCLK to
RxC or TxC synchronization
requirement eliminated for PCLK divide-by-four
operation
Other enhancements to improve the Am85C30 inter-
face capabilities include:
s Write data valid setup time to falling edge of
WR
requirement eliminated
s Reduced
INT response time
s Reduced access recovery time (tRC) to 3 PCLK
best case (3 1/2 PCLK worst case)
s Improved
Wait timing
s Write Registers WR3, WR4, WR5, and WR10
made readable
s Lower priority interrupt masking without
INTACK
s Complete SDLC/HDLC CRC character reception
BLOCK DIAGRAM
Data
Control
CPU
Bus VO
Internal
Control
Logic
Internal Bus
Channel
A
Registers
Interrupt
Control
Logic
Channel
B
Registers
+5 V GND PCLK
Channel A
Channel B
Control
Logic
Transmitter
Receiver
Baud
Rate
Generator
10
×19 Bit
Frame
Status
FIFO
Interrupt
Control Lines
5
10216F-1
8
TxDA
RxDA
RTxCA
TRxCA
DTR/REQA
SYNCA
W/REQA
RTSA
CTSA
DCDA
TxDB
RxDB
RTxCB
TRxCB
DTR/REQB
SYNCB
W/REQB
RTSB
CTSB
DCDB
RELATED AMD PRODUCTS
Part No.
Description
Part No.
Description
Am7960
Coded Data Transceiver
Am9517A
DMA Controller
80186
Highly Integrated 16-Bit
5380, 53C80
SCSI Bus Controller
Microprocessor
80188
Highly Integrated 8-Bit
80286, 80C286
High-Performance 16-Bit
Microprocessor
Microprocessor
Am386®
High-Performance 32-Bit
Microprocessor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com