Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5761 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 2SC5761
Description  NPN SiGe RF TRANSISTOR FOR LOW NOISE ⋅ HIGH-GAIN AMPLIFICATION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5761 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 2SC5761 Datasheet HTML 8Page - Renesas Technology Corp 2SC5761 Datasheet HTML 9Page - Renesas Technology Corp 2SC5761 Datasheet HTML 10Page - Renesas Technology Corp 2SC5761 Datasheet HTML 11Page - Renesas Technology Corp 2SC5761 Datasheet HTML 12Page - Renesas Technology Corp 2SC5761 Datasheet HTML 13Page - Renesas Technology Corp 2SC5761 Datasheet HTML 14Page - Renesas Technology Corp 2SC5761 Datasheet HTML 15Page - Renesas Technology Corp 2SC5761 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet PU10212EJ02V0DS
11
2SC5761
EQUAL NF CIRCLE
VCE = 2 V
IC = 5 mA
f = 1 GHz
NFmin = 0.8 dB
Γopt
1.0 dB
1.5
dB
4.0
dB
3.5 dB
3.0 dB
2.5 dB
2.0 dB
Unstable Area
VCE = 2 V
IC = 5 mA
f = 2 GHz
Unstable Area
NFmin = 0.85 dB
Γopt
1.0 dB
1.5 dB
2.0 dB
4.0 dB
3.5 dB
2.5 dB
3.0 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com