Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STE2004DIE2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STE2004DIE2
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004DIE2 Datasheet(HTML) 3 Page - STMicroelectronics

  STE2004DIE2 Datasheet HTML 1Page - STMicroelectronics STE2004DIE2 Datasheet HTML 2Page - STMicroelectronics STE2004DIE2 Datasheet HTML 3Page - STMicroelectronics STE2004DIE2 Datasheet HTML 4Page - STMicroelectronics STE2004DIE2 Datasheet HTML 5Page - STMicroelectronics STE2004DIE2 Datasheet HTML 6Page - STMicroelectronics STE2004DIE2 Datasheet HTML 7Page - STMicroelectronics STE2004DIE2 Datasheet HTML 8Page - STMicroelectronics STE2004DIE2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
3/66
STE2004
E / WR
176
I
WR - 8080 Series Parallel Interface - Write enable clock input
- CANNOT BE LEFT FLOATING
RES
172
I
Reset Input. Active Low.
D/C
174
I
Interface Data/Command Selector- CANNOT BE LEFT FLOATING
CS
173
I
Serial & Parallel Interfaces ENABLE. When Low the Incoming Data are Clocked In.
CANNOT BE LEFT FLOATING
TEST_MODE
191
I
Test Pad - 50 kohm internal Pull-down MUST BE CONNECTED TO VSS/VSSAUX
TEST_VREF
146
O
Test Pad - MUST BE LEFT FLOATING
OSCIN
144
I
Oscillator Input:
OSCOUT
210
O
Internal/External Oscillator Out - IF UNUSED MUST BE LEFT FLOATING
FR_OUT
211
O
Master Slave Frame Inversion Synchronization.
IF UNUSED MUST BE LEFT FLOATING
FR_IN
143
I
Master Slave Frame Inversion Synchronization.
CANNOT BE LEFT FLOATING
M/S
100
I
Master/Slave Configuration Bit:- CANNOT BE LEFT FLOATING
Table 2. Pin Description (continued)
Pad
Type
Function
OSC_IN
Configuration
High
Internal Oscillator Enabled
Low
Internal Oscillator Disabled
External Scillator
Internal Oscillator Disabled
M/S PIN
OSC_OUT
FR_OUT
FR_IN
Charge Pump
High
ENABLED
Enabled
Disabled
AuxVsense Disabled
Low
ENABLED
Enabled
Enabled
Charge Pump in Slave Mode or Ext
Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com