Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NSAM265SFA Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSAM265SFA
Description  CompactSPEECH Digital Speech Processors
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM265SFA Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button NSAM265SFA Datasheet HTML 25Page - National Semiconductor (TI) NSAM265SFA Datasheet HTML 26Page - National Semiconductor (TI) NSAM265SFA Datasheet HTML 27Page - National Semiconductor (TI) NSAM265SFA Datasheet HTML 28Page - National Semiconductor (TI) NSAM265SFA Datasheet HTML 29Page - National Semiconductor (TI) NSAM265SFA Datasheet HTML 30Page - National Semiconductor (TI) NSAM265SFA Datasheet HTML 31Page - National Semiconductor (TI) NSAM265SFA Datasheet HTML 32Page - National Semiconductor (TI) NSAM265SFA Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
30 Command Set (Continued)
SV
Set Vocabulary Type
type id
NSAM265SR
NSAM265SF
This command selects the vocabulary table to be used for
voice synthesis The vocabulary type is set according to the
1-byte
type parameter
0 Internal vocabulary (default)
1 External vocabulary in ROM
2 External vocabulary in AFLASH (NSAM265SF only)
all others Reserved
If
type is 0 id is ignored
Each external vocabulary table has a unique id which is part
of the vocabulary internal header (See the IVS User’s Manu-
al for more details) If
type is 1 or 2 the CompactSPEECH
searches for the one byte
id parameter in each vocabulary
table header until a match is found
If the
id parameter does not point to a valid IVS vocabulary
ERR
PARAM is set in the error word
SW
Say Words
n word1
wordn
NSAM265SR
NSAM265SF
This command accepts the number of words to synthesize
(
n 1 byte) followed by the indexes of the words (1 byte
each) in the current vocabulary
n can be 1 to 8 It plays the
words On completion the EV
NORMAL
END bit in the
status word is set and the MWRQST signal goes low
If one of the words is not defined in the current vocabulary
or if it is an IVS control or option code ERR
PARAM is set
in the error word
TUNE
Tune
index parameter
value
NSAM265SR
NSAM265SF
Sets the value of the tunable parameter identified by
index
(one byte) to the 2-byte value
parameter
value This com-
mand may be used to tune the DSP algorithms to a specific
Data Access Arrangement (DAA) interface or to change
other parameters If you do not use TUNE the Compact-
SPEECH uses default values
If
index does not point to a valid tunable parameter ERR
PARAM is set in the error word
Note
The tunable parameters are assigned with their default values on
application of power The INIT command does not affect these pa-
rameters
Table 3-1 describes the tunable parameters their index
numbers and their default values
TABLE 3-1 Tunable Parameters
Index
Parameter Name
Description
Default
0 – 3
Reserved
4
SIL
THRESHOLD
Prevents speech from being interpreted as silence The silence detection
11264
algorithm has an adaptive threshold which is changed according to the noise
level This parameter is therefore only the initial threshold level
Legal values 9216 to 13824 in 512 (6 dB) steps
5
SIL
THRESHOLD
STEP
Defines the adaptive threshold changes step If this threshold is too low the
12
threshold converges too slowly If this threshold is too high silence detection is
too sensitive to any noise
Legal values 3 to 48
6
SIL
BURST
THRESHOLD
The minimum time period for speech detection during silence As this threshold
2
increases the time period interpreted as silence increases If this threshold is
too low speech is detected if there is a burst of noise If it is too high words may
be partially cut off
Legal values 1 to 3
7
SIL
HANG
THRESHOLD
The minimum time period for silence detection during speech As this threshold
15
increases the time period interpreted as silence decreases If this threshold is
too low words may be partially cut off If it is too high silence is detected
Legal values 8 to 31
8
SIL
ENABLE
Silence compression control
1
0 turns silence compression off
9
ENERGY
FACTOR
Determines the energy level used to synthesize silence The default value
8192
means that the energy level of the synthesized silence will be the same as the
energy level of the recorded silence
If you divide (multiply) the default value by two the synthesized silence will be 6
dB less (more) than the level of the recorded silence
Legal values 1024 to 16384
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com