Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPS20M100SFP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS20M100SFP
Description  100 V, 20 A power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20M100SFP Datasheet(HTML) 1 Page - STMicroelectronics

  STPS20M100SFP Datasheet HTML 1Page - STMicroelectronics STPS20M100SFP Datasheet HTML 2Page - STMicroelectronics STPS20M100SFP Datasheet HTML 3Page - STMicroelectronics STPS20M100SFP Datasheet HTML 4Page - STMicroelectronics STPS20M100SFP Datasheet HTML 5Page - STMicroelectronics STPS20M100SFP Datasheet HTML 6Page - STMicroelectronics STPS20M100SFP Datasheet HTML 7Page - STMicroelectronics STPS20M100SFP Datasheet HTML 8Page - STMicroelectronics STPS20M100SFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
K
K
A
A
A
A
D2PAK
A
K
A
A
K
A
TO-220AB
A
K
A
TO-220FPAB
A K
A
I2PAK
K
K
Features
Low forward voltage drop meaning very small conduction losses
Avalanche rated
Low frequency operation
Insulated package TO-220FPAB:
Insulating voltage = 2000 VRMS sine
ECOPACK®2 compliant component for D²PAK on demand
Applications
Switching diode
SMPS
DC/DC converter
LED lighting
Adapter for notebook and game station
Description
This single Schottky rectifier is suited for high frequency switch mode power supply.
Packaged in TO-220AB, TO-220FPAB, D²PAK and I²PAK, the STPS20M100S is
intended to be used in notebook, game station and desktop adaptors, providing in
these applications a good efficiency at both low and high load.
Product status link
STPS20M100S
Product summary
IF(AV)
20 A
VRRM
100 V
VF (typ.)
0.61 V
Tj (max.)
150 °C
100 V, 20 A power Schottky rectifier
STPS20M100S
Datasheet
DS6169 - Rev 5 - February 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS20M100SFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20M100SFP STMICROELECTRONICS-STPS20M100SFP Datasheet
146Kb / 11P
Power Schottky rectifier
16-Apr-2010
More results

Similar Description - STPS20M100SFP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR20H100CT ONSEMI-MBR20H100CT Datasheet
130Kb / 7P
SWITCHMODE Power Rectifier 100 V, 20 A
March, 2007 ??Rev. 4
logo
STMicroelectronics
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
Aerospace 2 x 20 A - 100 V Schottky rectifier
26-Mar-2010
STPS30M100S STMICROELECTRONICS-STPS30M100S Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS30M100ST STMICROELECTRONICS-STPS30M100ST Datasheet
140Kb / 10P
100 V, 30 A power Schottky rectifier
28-Jan-2011
STPS5H100UFN STMICROELECTRONICS-STPS5H100UFN Datasheet
171Kb / 8P
5 A - 100 V power Schottky rectifier
Rev 1 - January 2020
logo
ON Semiconductor
FSV20100V ONSEMI-FSV20100V Datasheet
186Kb / 5P
Ultra-Low VF Schottky Rectifier, 20 A, 100 V
April, 2020 ??Rev. 3
logo
STMicroelectronics
STPS2H100 STMICROELECTRONICS-STPS2H100_V01 Datasheet
410Kb / 19P
100 V, 2 A power Schottky rectifier
October 2019
STPS1H100 STMICROELECTRONICS-STPS1H100_V01 Datasheet
428Kb / 15P
100 V, 1 A power Schottky rectifier
October 2019
STPS30SM100S STMICROELECTRONICS-STPS30SM100S_V01 Datasheet
335Kb / 14P
100 V, 30 A power Schottky rectifier
Rev 7 - February 2019
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com