Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPC Datasheet(PDF) 1 Page - TRACO Electronic AG

Part # TPC
Description  TPC Series, 30 to 120 Watt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TPC Datasheet(HTML) 1 Page - TRACO Electronic AG

  TPC Datasheet HTML 1Page - TRACO Electronic AG TPC Datasheet HTML 2Page - TRACO Electronic AG TPC Datasheet HTML 3Page - TRACO Electronic AG TPC Datasheet HTML 4Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.tracopower.com
Page 1 of 4
Industrial Power Supplies
TPC Series, 30 to 120 Watt
Features
For industrial, office and residential
environments
Meets European ErP directive (green mode),
<0.3 W no load power consumption
High efficiency across full load range
Compact plastic casing
Reliable snap-on mounting on DIN-rails
or with wall mounting bracket (not included)
Universal input 85–264 VAC, 47–63 Hz
Models with 5, 12, 24 & 48 VDC output
Output voltage adjustable
Power good signal
Low ripple and noise
Overload and short-circuit protection
Optional module for parallel and
redundant operation
Worldwide safety approval package
3-year product warranty
The TRACOPOWER TPC series is a family of lightweight DIN-rail power supplies with
an excellent price/performance ratio. They consume sparse standby power, and op-
erate with high efficiency to comply with the requirements of the European Ecodesign
directive. They have universal input of 85-264VAC or 90-375VDC and are designed for
class I operation in industrial and residential environments. With the optional active
current sharing redundancy module, these power supplies provide a very reliable
true redundant DC supply. For further details see page 3.
Order Code
Input Voltage
Output Power
Output Voltage
Output Current
Ranges
max.
nominal /adj. range
max.
TPC 030–105
20 W
5.0 VDC /5.0–6.0 VDC
4.0 A
TPC 030–112
26 W
12 VDC /12–15 VDC
2.2 A
TPC 030–124
30 W
24 VDC /24–28.8 VDC
1.25 A
TPC 030–148
85 – 264 VAC
30 W
48 VDC /48–56 VDC
0.6 A
TPC 055–112
Universal Input
42 W
12 VDC / 12–15 VDC
3.5 A
TPC 055–124
47/63 Hz
55 W
24 VDC /24–28.8 VDC
2.3 A
TPC 055–148
90 – 375 VDC
55 W
48 VDC / 48–56 VDC
1.15 A
TPC 080–112
72 W
12 VDC / 12–15 VDC
6.0 A
TPC 080–124
80 W
24 VDC /24–28.8 VDC
3.3 A
TPC 080–148
80 W
48 VDC /48–56 VDC
1.7 A
TPC 120–112
96 W
12 VDC / 12–15 VDC
8.0 A
TPC 120–124
120 W
24 VDC /24–28.8 VDC
5.0 A
TPC 120–148
120 W
48 VDC /48–56 VDC
2.5 A
Models
UL 60950-1UL 508
CB
Scheme


Similar Part No. - TPC

ManufacturerPart #DatasheetDescription
logo
C&K Components
TPC CK-COMPONENTS-TPC Datasheet
373Kb / 3P
Tri-direction Scan Switch
logo
AVX Corporation
TPC AVX-TPC Datasheet
62Kb / 1P
Marking
logo
Advantech Co., Ltd.
TPC--155H-E3BE ADVANTECH-TPC--155H-E3BE Datasheet
532Kb / 2P
15" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor and UL Class 1 Division 2
16-Jan-2023
logo
Micro Electronics
TPC-02026 MICRO-ELECTRONICS-TPC-02026 Datasheet
443Kb / 3P
LINEARITYI WIDTH COIL FOR VIDEO DISPLAY
TPC-02125 MICRO-ELECTRONICS-TPC-02125 Datasheet
443Kb / 3P
LINEARITYI WIDTH COIL FOR VIDEO DISPLAY
More results

Similar Description - TPC

ManufacturerPart #DatasheetDescription
logo
Power-One
HAS030YG POWER-ONE-HAS030YG Datasheet
229Kb / 3P
HAS SERIES - 30 WATT
logo
List of Unclassifed Man...
SX30U ETC1-SX30U Datasheet
379Kb / 2P
30 Watt, 120 VAC Input Fully Enclosed Switchiing Power Supply
logo
Phihong USA Inc.
PSA-30R-033 PHIHONG-PSA-30R-033 Datasheet
126Kb / 3P
30 Watt Interchangeable Plug Series
PSC30R-120 PHIHONG-PSC30R-120 Datasheet
142Kb / 2P
30-WATT INTERCHANGEABLE PLUG SERIES
logo
SL Power Electronics
MW122 SLPOWER-MW122 Datasheet
109Kb / 2P
MEDICAL 120 WATT SERIES
MW155 SLPOWER-MW155 Datasheet
349Kb / 2P
120 Watt Medical Adapter Series
logo
Mallory Sonalert Produc...
SC110QR MSPI-SC110QR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC
logo
TRACO Electronic AG
TEN30 TRACOPOWER-TEN30 Datasheet
903Kb / 5P
TEN 30 Series, 30 Watt
Rev. November 30, 2022
TEN30WIN TRACOPOWER-TEN30WIN Datasheet
965Kb / 6P
TEN 30WIN Series, 30 Watt
Rev. November 30, 2022
TXH120 TRACOPOWER-TXH120 Datasheet
1Mb / 4P
AC/DC Power Supply TXH 120 Series, 120 Watt
Rev. March 16, 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com