Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSPC Datasheet(PDF) 1 Page - TRACO Electronic AG

Part # TSPC
Description  Industrial Power Supplies TSPC Series, 50–480 Watt
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TSPC Datasheet(HTML) 1 Page - TRACO Electronic AG

  TSPC Datasheet HTML 1Page - TRACO Electronic AG TSPC Datasheet HTML 2Page - TRACO Electronic AG TSPC Datasheet HTML 3Page - TRACO Electronic AG TSPC Datasheet HTML 4Page - TRACO Electronic AG TSPC Datasheet HTML 5Page - TRACO Electronic AG TSPC Datasheet HTML 6Page - TRACO Electronic AG TSPC Datasheet HTML 7Page - TRACO Electronic AG TSPC Datasheet HTML 8Page - TRACO Electronic AG TSPC Datasheet HTML 9Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.tracopower.com
Page 1 of 9
Industrial Power Supplies
TSPC Series, 50–480 Watt
u Rugged metal case for harsh industrial
environments
u Industrial operating temperature
range: –25°C to +70°C
u Overload and and overtemperature
protection
u Power boost up to 120 %
u Power-Good signal
u Shock and vibration proof
u International safety approval package
u ATEX certification for hazardous
locations
u Decoupling module for redundant
operation (optional)
u Wall mounting (opt.)
u 3-year product warranty
The TSPC series are high performance DIN-rail mount power supplies for harsh indus-
trial environments. The design is based on the popular TRACOPOWER TSP series but
with reduced electrical features to make these power supplies an easy to install and
cost efficient but reliable solution for basic applications.
Excellent electrical specifications and high immunity against electrical disturbances
makes these compact modules the best choice for reliable industrial systems and ma-
chines.
For system applications all models provide a Power-Good signal.
The TSPC series power supplies complies with the latest safety and EMC standards for
industrial environments and include ATEX EN 60079 certification for applications in
hazardous locations.
Order code
Output power
nominal
Output voltage
nominal
Output current
nominal
TSPC 050-112
50 W
12 VDC
4.0 A
TSPC 050-124HL*
50 W
24 VDC
2.1 A
TSPC 050-124
50 W
24 VDC
2.1 A
TSPC 080-112
80 W
12 VDC
6.6 A
TSPC 080-124
80 W
24 VDC
3.3 A
TSPC 120-124
120 W
24 VDC
5.0 A
TSPC 120-148
120 W
48 VDC
2.5 A
TSPC 240-124
240 W
24 VDC
10 A
TSPC 240-148
240 W
48 VDC
5.0 A
TSPC 480-124
480 W
24 VDC
20 A
TSPC 480-148
480 W
48 VDC
10 A
Models
CB
Scheme
NK AA
EMC
LVD
IEC
60950-1
UL 60950-1
UL 508
ATEX II3G
EN 60950-1
EN 61558
EN 60204
*Additionally complies with UL hazloc


Similar Part No. - TSPC

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
TSPC GREYSTONE-TSPC Datasheet
179Kb / 2P
ROOM TEMPERATURE SENSOR
logo
TRACO Electronic AG
TSPC-080 TRACOPOWER-TSPC-080 Datasheet
381Kb / 1P
Wall Mounting Kit TSP-WMK03
Rev. November 30, 2022
TSPC-120TSPC-240 TRACOPOWER-TSPC-120TSPC-240 Datasheet
381Kb / 1P
Wall Mounting Kit TSP-WMK03
Rev. November 30, 2022
TSPC-DCM TRACOPOWER-TSPC-DCM Datasheet
393Kb / 2P
Industrial Decoupling Module TSPC-DCM Module: 600 Watt
Rev. October 28, 2021
TSPC-DCM-600 TRACOPOWER-TSPC-DCM-600 Datasheet
381Kb / 1P
Wall Mounting Kit TSP-WMK03
Rev. November 30, 2022
More results

Similar Description - TSPC

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM04548-47L STEALTH_MICROWAVE-SM04548-47L Datasheet
176Kb / 3P
450-480 MHz 50 Watt Ultra Linear Power Amplifier
logo
RSG Electronic Componen...
PU65 RSG-PU65_14 Datasheet
116Kb / 2P
50-65 WATT SWITCHING POWER SUPPLIES
logo
TDK Electronics
HWS15A TDK-HWS15A Datasheet
97Kb / 2P
50-150W Single Output Industrial Power Supplies
logo
TRACO Electronic AG
TSP-WR TRACOPOWER-TSP-WR Datasheet
795Kb / 8P
Industrial Power Supplies TSP-WR Series, 180–600 Watt
Rev. November 23, 2018
TSP TRACOPOWER-TSP Datasheet
853Kb / 9P
Industrial Power Supplies TSP-Series
Rev. December 5, 2022
TSPC-DCM TRACOPOWER-TSPC-DCM Datasheet
393Kb / 2P
Industrial Decoupling Module TSPC-DCM Module: 600 Watt
Rev. October 28, 2021
TIB480-EX TRACOPOWER-TIB480-EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 480-EX Series, 480 Watt
Rev. November 30, 2022
TIB480 TRACOPOWER-TIB480 Datasheet
2Mb / 6P
AC/DC Industrial Power Supply TIB 480 Series, 480 Watt
Rev. November 30, 2022
TXH480 TRACOPOWER-TXH480 Datasheet
2Mb / 5P
AC/DC Power Supply TXH 480 Series, 480 Watt
Rev. October 21, 2020
TBL-BC TRACOPOWER-TBL-BC Datasheet
434Kb / 5P
Industrial Power Supplies TBL-BC Series, 60 Watt
Rev. September 26. 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com