Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1484 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1484
Description  A 3.6 WATTS TRAVEL ADAPTOR USING VIPer12A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1484 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1484 Datasheet HTML 1Page - STMicroelectronics AN1484 Datasheet HTML 2Page - STMicroelectronics AN1484 Datasheet HTML 3Page - STMicroelectronics AN1484 Datasheet HTML 4Page - STMicroelectronics AN1484 Datasheet HTML 5Page - STMicroelectronics AN1484 Datasheet HTML 6Page - STMicroelectronics AN1484 Datasheet HTML 7Page - STMicroelectronics AN1484 Datasheet HTML 8Page - STMicroelectronics AN1484 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AN1484 - APPLICATION NOTE
2/11
1.1.3 Burst Mode
The VIPer12A integrates a current mode PWM
with a Power MOSFET and includes the leading
edge blanking function. The burst mode is a
feature which allows VIPer12A to reduce its
average switching frequency when the energy
drained
by
the
output
load
goes
below
E=(tb*Vin)2*fsw/2Lp (tb Blanking time, Vin DC
input voltage, fsw Switching frequency, Lp Primary
Inductance). This is obtained with a small ripple
current around shut down current of feedback pin
and maintaining the Vdd voltage above 9V. If Vdd
goes below 9V there is the “bad burst mode” in
which
VIPer12A
repeats
the
restart
cycle
continuously, with a worst standby consumption
and a higher secondary ripple voltage.
1.1.4 Compensation and Duty cycle control
The internal structure of VIPer12A feedback and
compensation pin (FB pin 3) is shown in Figure 1.
The current injected on the FB pin is added to the
one coming from the SenseFet in R2 and then
compared to an internal 0.23V Vref. When FB
voltage is closed to ground, the VIPer12A delivers
its full power. On the other side, when FB voltage
is above 0.23*(R1+R2)/R2, the VIPer12A stops
switching.
The FB pin is directly driven by the emitter of the
optocoupler, behaving as a current source. This
current is filtered by a small 47nF capacitor C5 to
guarantee cycle to cycle stability.
Important: It is necessary to keep C5 very close to
the VIPer12A feedback pin to avoid high frequency
instability on the compensation loop.
1.1.5 Primary drive
In a flyback power supply, the transformer is used
as an energy tank fuelled during the ON time of the
Mosfet. When the Mosfet turns off, its drain voltage
rises from low value to the Input Voltage +
Reflected Voltage when the secondary diode
conducts,
regaining
on
the
secondary
the
magnetic energy stored in the transformer. As
primary and secondary windings are not perfectly
magnetically coupled, there is a serial leakage
inductance that behaves like an open inductor
charged at Ipeak that makes the Mosfet drain
voltage reach higher values.
If the peak voltage is higher than the Vdss of the
VIPer12A Mosfet, the device will be destroyed. So
the drain voltage must be kept below its avalanche
voltage of 730V.
Commonly a clamper based on a RCD network or
a diode with a transil to clamp the rise of the drain
voltage is used.
The presence
of the
clamper
is an extra
consumption in standby mode, especially with
RCD clamper respect to the transil clamper.
Because the power consumption is manageable
with transil clamper, this solution has been chosen
here.
Figure 1: VIPer12A Internal Structure
1.2 Secondary Regulation
1.2.1 Voltage Regulation
The Voltage regulation is achieved with a zener
diode D6 directly driving the optocoupler. The
resistor R3 limits the current in both the zener and
the opto in case of overvoltage.
The VIPer12A feedback pin is current controlled
and its requirement goes from few uA at full load to
1mA in standby. The same current change is
experimented by the regulating zener on the
secondary side of the converter leading to around
5% load regulation.
It is possible to improve the load regulation, by
connecting a resistor between the zener and the
Vout. Of course, this will degrade the standby
power consumption.
1.2.2 Current Regulation
The current regulation uses the drop voltage
across a shunt resistor R6/R7/R8 to bias the T1
transistor base-emitter junction. The T1 collector
drives the optocoupler limiting the output power.
60kHz
OSCILLATOR
PWM
LATCH
S
Q
R
0.23V
Id
DRAIN
SOURCE
FB
R1
R2
C
+Vdd
Secondary
feedback
I
FB
Is
1 k
Ω
230
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com