Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NFS200 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NFS200
Description  Triple and quad output 200 Watt AC/DC universal input switch mode power supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NFS200 Datasheet(HTML) 3 Page - Artesyn Technologies

  NFS200 Datasheet HTML 1Page - Artesyn Technologies NFS200 Datasheet HTML 2Page - Artesyn Technologies NFS200 Datasheet HTML 3Page - Artesyn Technologies NFS200 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0.30
(7.62)
1.00
(25.4)
1.800
(45.72)
2.5
(63.5)
8-32 Screw
Thread
(4 Places)
0.79
(20.07)
1.00
(25.4)
3.530
(89.66)
5.00
(127)
Ref.
8-32 Screw Thread (4 Places)
Max. Screw Penetration From
Bottom of Chassis 0.250 (6.35)
7.00
(177.8)
9.00
(229) REF
Preferred Air-flow Direction
TB2
Term. 1
+ 5V
Adjust
J1
Pin 1
on Top
TB1
Term 1
Line
Neutral
Ground
L2
F1
C7
C6
ALL DIMENSIONS IN INCHES (mm)
T1
AC (TB1) connector
Kulka P/N 4597A-6/32-03 or equivalent
DC (TB2) connector
Kulka P/N 4597A-6/32-09 or equivalent
J1 mating connector
Molex 22-01-1043 or equivalent with 4809 series or equivalent crimp terminal
Mechanical notes
A
A standard cover and fan assembly can be added during manufacturing.
Details are on page 84. To order, add suffix ‘CF’’ to the model number.
e.g. NFS200-7601CF.
POWER FAIL DETECT SIGNAL
50ms
≤T1≤200ms
T2 will vary with line and load
T3
≥5ms
Pout: 200W
PFD output is an open collector
which will sink
≤40mA in the low
state
HIGH
T1
T2
T3
4.75V
3.5V MIN
0-4 MAX
LOW
4.75V
5V OUTPUT
PFD SIGNAL
AC INPUT
25W MINIMUM LOAD REQUIRED
200W
0W
25W
100W
FORCED AIR
COOLING
0
°C
10
°C
20
°C
30
°C
40
°C
50
°C
60
°C
70
°C
DERATING CURVE
Output Power (Watts)
PAGE 3
200 Watt
AC/DC universal input switch mode power supplies
200W AC/DC
|
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com