Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F474LPF Datasheet(PDF) 34 Page - fujitsu semiconductor

Part # MB90F474LPF
Description  16-Bit Proprietary Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F474LPF Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button MB90F474LPF Datasheet HTML 30Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 31Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 32Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 33Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 34Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 35Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 36Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 37Page - fujitsu semiconductor MB90F474LPF Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 118 page
background image
MB90470 Series
34
2.
UART
The UART is a serial I/O port for asynchronous (start-stop synchronized) communication or CLK synchronized
communication.
• Full duplex double buffer
• Asynchronous (start-stop synchronized) and CLK synchronized (no start bit or stop bit) operation
• Supports multi-processor modes
• Built-in dedicated baud rate generator
Asynchronous operation : 76923/38461/19230/9615/500 K/250 Kbps
CLK synchronized
: 16 M/8 M/4 M/2 M/1 M/500 K
• Baud rate can be set independently from external clock
• Can use internal clock feed from PPG1.
• Data length : 7 bits (asynchronous normal mode only) or 8 bits
• Master-slave communication functions (in multi-processor mode) : allows 1 (master) -to-n (slave)
communications
• Error detection functions (parity, framing, overrun)
• NRZ-encoded transfer signal
• DMAC support (receiving/sending)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com