Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP970X Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP970X
Description  Low-Power Linear Active Thermistor ICs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP970X Datasheet(HTML) 4 Page - Microchip Technology

  MCP970X Datasheet HTML 1Page - Microchip Technology MCP970X Datasheet HTML 2Page - Microchip Technology MCP970X Datasheet HTML 3Page - Microchip Technology MCP970X Datasheet HTML 4Page - Microchip Technology MCP970X Datasheet HTML 5Page - Microchip Technology MCP970X Datasheet HTML 6Page - Microchip Technology MCP970X Datasheet HTML 7Page - Microchip Technology MCP970X Datasheet HTML 8Page - Microchip Technology MCP970X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MCP970X
DS20001942J-page 4
 2005-2022 Microchip Technology Inc. and its subsidiaries
Output Voltage, TA = 0°C
V0°C
—400
mV
MCP9701/9701A
Temperature Coefficient
TC
—10.0
mV/°C MCP9700/9700A/9700B
TC
—19.5
mV/°C MCP9701/9701A
Output Nonlinearity
VONL
—±0.5
°C
TA = 0°C to +70°C (Note 3)
Output Current
IOUT
100
µA
Output Impedance
ZOUT
—20
IOUT = 100 µA, f = 500 Hz
Output Load Regulation
VOUT/
IOUT
—2
TA = 0°C to +70°C
IOUT = 100 µA
Turn-On Time
tON
—800
µs
Typical Load Capacitance
CLOAD
1000
pF
Note 4
SC-70 Thermal Response to 63%
tRES
1.3
s
30°C (Air) to +125°C
(Fluid Bath) (Note 5)
TO-92 Thermal Response to 63%
tRES
—1.65
s
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated:
MCP9700/9700A/9700B: VDD = 2.3V to 5.5V, GND = Ground, TA = -40°C to +125°C and No load
MCP9701/9701A: VDD = 3.1V to 5.5V, GND = Ground, TA = -10°C to +125°C and No load
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1: MCP9700 and MCP9700B with SC70-5 and SOT-23-3 packages only. The MCP9700 High Temperature is
not available with TO-92 package.
2: The MCP9700/9700A/9700B family accuracy is tested with VDD = 3.3V, while the MCP9701/9701A accu-
racy is tested with VDD = 5.0V.
3: The MCP9700/9700A/9700B and MCP9701/9701A family is characterized using the first-order or linear
equation, as shown in Equation 4-2. Also refer to Figure 2-17.
4: The MCP9700/9700A/9700B and MCP9701/9701A family is characterized and production tested with a
capacitive load of 1000 pF.
5: SC70-5 package thermal response with 1x1 inch, dual-sided copper clad, TO-92-3 package thermal
response without PCB (leaded).
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated:
MCP9700/9700A/9700B: VDD = 2.3V to 5.5V, GND = Ground, TA = -40°C to +125°C and No load
MCP9701/9701A: VDD = 3.1V to 5.5V, GND = Ground, TA = -10°C to +125°C and No load
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range (Note 1)
TA
-40
+125
°C
MCP9700/9700A/9700B
TA
-10
+125
°C
MCP9701/9701A
TA
-40
+150
°C
High Temperature
(MCP9700 and MCP9700B
SOT23-3 and SC70-5 only)
Operating Temperature Range
TA
-40
+125
°C
Extended Temperature
TA
-40
+150
°C
High Temperature
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 5LD SC70
JA
—331
°C/W
Thermal Resistance, 3LD SOT-23
JA
—308
°C/W
Thermal Resistance, 3LD TO-92
JA
—146
°C/W
Note 1: Operation in this range must not cause TJ to exceed Maximum Junction Temperature (+150°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com