Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

10M02DAY256C6G Datasheet(PDF) 3 Page - Intel Corporation

Part # 10M02DAY256C6G
Description  Intel® MAX® 10 FPGA Device Overview
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

10M02DAY256C6G Datasheet(HTML) 3 Page - Intel Corporation

  10M02DAY256C6G Datasheet HTML 1Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 2Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 3Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 4Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 5Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 6Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 7Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 8Page - Intel Corporation 10M02DAY256C6G Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Intel® MAX® 10 FPGA Device Overview
Intel® MAX® 10 devices are single-chip, non-volatile low-cost programmable logic
devices (PLDs) to integrate the optimal set of system components.
The highlights of the Intel MAX 10 devices include:
•
Internally stored dual configuration flash
•
User flash memory
•
Instant on support
•
Integrated analog-to-digital converters (ADCs)
•
Single-chip Nios II soft core processor support
Intel MAX 10 devices are the ideal solution for system management, I/O expansion,
communication control planes, industrial, automotive, and consumer applications.
Related Information
Intel MAX 10 FPGA Device Datasheet
Key Advantages of Intel MAX 10 Devices
Table 1.
Key Advantages of Intel MAX 10 Devices
Advantage
Supporting Feature
Simple and fast configuration
Secure on-die flash memory enables device configuration in less than 10 ms
Flexibility and integration
• Single device integrating PLD logic, RAM, flash memory, digital signal
processing (DSP), ADC, phase-locked loop (PLL), and I/Os
• Small packages available from 3 mm × 3 mm
Low power
• Sleep mode—significant standby power reduction and resumption in less than
1 ms
• Longer battery life—resumption from full power-off in less than 10 ms
20-year-estimated life cycle
Built on TSMC's 55 nm embedded flash process technology
High productivity design tools
• Intel Quartus® Prime Lite edition (no cost license)
• Platform Designer (Standard) system integration tool
• DSP Builder for Intel FPGAs
• Nios® II Embedded Design Suite (EDS)
683658 | 2021.11.01
Send Feedback
Intel Corporation. All rights reserved. Intel, the Intel logo, and other Intel marks are trademarks of Intel
Corporation or its subsidiaries. Intel warrants performance of its FPGA and semiconductor products to current
specifications in accordance with Intel's standard warranty, but reserves the right to make changes to any
products and services at any time without notice. Intel assumes no responsibility or liability arising out of the
application or use of any information, product, or service described herein except as expressly agreed to in
writing by Intel. Intel customers are advised to obtain the latest version of device specifications before relying
on any published information and before placing orders for products or services.
*Other names and brands may be claimed as the property of others.
ISO
9001:2015
Registered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com