Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC807K-16 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # BC807K-16
Description  45 V, 500 mA PNP general-purpose transistors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC807K-16 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button BC807K-16 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC807K-16 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC807K-16 Datasheet HTML 11Page - Nexperia B.V. All rights reserved BC807K-16 Datasheet HTML 12Page - Nexperia B.V. All rights reserved BC807K-16 Datasheet HTML 13Page - Nexperia B.V. All rights reserved BC807K-16 Datasheet HTML 14Page - Nexperia B.V. All rights reserved BC807K-16 Datasheet HTML 15Page - Nexperia B.V. All rights reserved BC807K-16 Datasheet HTML 16Page - Nexperia B.V. All rights reserved BC807K-16 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Nexperia
BC807K series
45 V, 500 mA PNP general-purpose transistors
BC807K_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 24 April 2018
13 / 24
aaa-027446
-0.4
-0.8
-1.2
VBE
(V)
-0
IC (mA)
-10-1
-103
-102
-1
-10
(2)
(4)
(6)
(3)
(7)
(1)
(5)
VCE = -1 V
(1) Tamb = -55 °C
(2) Tamb = -40°C
(3) Tamb = 25 °C
(4) Tamb = 85 °C
(5) Tamb = 100 °C
(6) Tamb = 125 °C
(7) Tamb = 150 °C
Figure 21. BC807K-25: Base-emitter voltage as a
function of collector current; typical values
aaa-027447
-0.7
-0.8
-0.6
-0.9
-1.0
VBE
(V)
-0.5
IC (mA)
-10-1
-103
-102
-1
-10
(1)
(2)
(3)
Tamb = 25 °C
(1) VCE = -1 V
(2) VCE = -2 V
(3) VCE = -5 V
Figure 22. BC807K-25: Base-emitter voltage as a
function of collector current; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com