Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5433 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5433
Description  NPN SILICON RF TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5433 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5433 Datasheet HTML 4Page - Renesas Technology Corp 2SC5433 Datasheet HTML 5Page - Renesas Technology Corp 2SC5433 Datasheet HTML 6Page - Renesas Technology Corp 2SC5433 Datasheet HTML 7Page - Renesas Technology Corp 2SC5433 Datasheet HTML 8Page - Renesas Technology Corp 2SC5433 Datasheet HTML 9Page - Renesas Technology Corp 2SC5433 Datasheet HTML 10Page - Renesas Technology Corp 2SC5433 Datasheet HTML 11Page - Renesas Technology Corp 2SC5433 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet PU10101EJ01V0DS
6
2SC5433
VCE = 3 V, IC = 1 mA, ZO = 50
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0.955
0.852
0.803
0.759
0.710
0.667
0.653
0.632
0.602
0.599
0.621
0.635
0.639
0.645
0.659
−23.9
−47.2
−71.0
−88.9
−104.8
−119.3
−131.7
−141.9
−152.6
−163.9
−172.4
−178.4
176.3
171.0
166.4
3.465
3.060
2.702
2.480
2.263
1.995
1.791
1.654
1.508
1.359
1.256
1.200
1.137
1.038
0.976
160.1
142.4
126.3
113.4
103.8
95.1
85.4
78.2
72.1
66.4
59.2
53.7
50.5
46.5
41.4
0.053
0.097
0.130
0.147
0.159
0.167
0.169
0.164
0.154
0.147
0.143
0.139
0.138
0.136
0.135
73.5
60.6
49.7
41.4
34.0
29.3
27.8
27.1
26.6
25.0
26.8
30.1
34.9
41.1
46.7
0.977
0.894
0.802
0.754
0.723
0.677
0.630
0.589
0.565
0.549
0.529
0.511
0.513
0.522
0.512
−9.3
−17.6
−26.5
−33.8
−37.4
−39.2
−41.7
−45.0
−49.1
−53.3
−57.3
−63.4
−70.0
−75.1
−79.8
VCE = 3 V, IC = 3 mA, ZO = 50
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0.849
0.690
0.626
0.565
0.528
0.515
0.515
0.500
0.490
0.505
0.528
0.543
0.553
0.566
0.583
−39.1
−72.9
−99.3
−117.8
−133.4
−146.4
−155.4
−163.5
−172.8
178.7
173.1
168.9
164.9
161.0
158.0
8.593
6.799
5.461
4.546
3.893
3.387
2.949
2.631
2.342
2.095
1.910
1.808
1.713
1.571
1.464
149.9
128.1
111.5
101.0
93.5
86.5
79.2
74.4
69.8
65.4
59.7
54.9
52.3
49.3
44.8
0.049
0.078
0.096
0.104
0.111
0.118
0.126
0.130
0.134
0.137
0.146
0.156
0.169
0.177
0.182
67.9
53.3
46.0
42.3
40.7
40.9
43.1
46.1
48.8
49.3
50.5
51.9
53.8
56.6
57.8
0.910
0.728
0.595
0.525
0.478
0.433
0.394
0.360
0.339
0.322
0.302
0.287
0.283
0.284
0.276
−18.1
−30.3
−39.2
−44.2
−45.5
−45.6
−47.1
−49.6
−53.2
−56.7
−60.7
−66.9
−73.6
−79.0
−84.0
VCE = 3 V, IC = 5 mA, ZO = 50
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0.759
0.593
0.533
0.487
0.467
0.468
0.473
0.462
0.460
0.479
0.502
0.518
0.529
0.544
0.562
−50.6
−89.5
−115.2
−132.9
−147.3
−158.3
−165.5
−172.6
179.1
171.9
167.4
163.9
160.4
157.1
154.8
12.082
8.740
6.641
5.367
4.496
3.871
3.337
2.925
2.585
2.349
2.139
2.017
1.908
1.752
1.631
142.5
119.7
104.4
95.5
89.2
83.0
76.7
72.2
68.2
64.7
59.5
55.1
52.8
50.1
45.8
0.045
0.067
0.080
0.088
0.097
0.107
0.118
0.127
0.135
0.142
0.154
0.166
0.182
0.192
0.198
62.8
51.4
47.9
47.5
48.2
49.6
52.2
55.0
57.1
57.2
57.4
57.3
58.6
60.3
60.5
0.844
0.615
0.483
0.418
0.376
0.338
0.306
0.277
0.258
0.241
0.224
0.209
0.204
0.202
0.195
−24.2
−36.8
−44.2
−47.3
−47.5
−46.9
−48.2
−50.6
−54.1
−57.8
−62.4
−69.5
−76.9
−83.4
−89.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com