Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5434 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5434
Description  NPN SILICON RF TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5434 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC5434 Datasheet HTML 2Page - Renesas Technology Corp 2SC5434 Datasheet HTML 3Page - Renesas Technology Corp 2SC5434 Datasheet HTML 4Page - Renesas Technology Corp 2SC5434 Datasheet HTML 5Page - Renesas Technology Corp 2SC5434 Datasheet HTML 6Page - Renesas Technology Corp 2SC5434 Datasheet HTML 7Page - Renesas Technology Corp 2SC5434 Datasheet HTML 8Page - Renesas Technology Corp 2SC5434 Datasheet HTML 9Page - Renesas Technology Corp 2SC5434 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet PU10102EJ01V0DS
4
2SC5434
VCE = 3 V
f = 2 GHz
Collector Current IC (mA)
INSERTION POWER GAIN
vs. COLLECTOR CURRENT
16
2
4
6
8
10
12
14
0
1
10
100
VCE = 3 V
f = 2 GHz
Collector Current IC (mA)
NOISE FIGURE vs. COLLECTOR CURRENT
7
1
2
3
4
5
6
0
2
5
10
20
150
VCE = 3 V
IC = 5 mA
35
5
10
15
20
25
30
0
0.1
1.0
10.0
Frequency f (GHz)
vs. FREQUENCY
INSERTION POWER GAIN, MAG
MAG
|S21e|
2
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com