Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SD1616 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD1616
Description  SILICON TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1616 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD1616 Datasheet HTML 1Page - Renesas Technology Corp 2SD1616 Datasheet HTML 2Page - Renesas Technology Corp 2SD1616 Datasheet HTML 3Page - Renesas Technology Corp 2SD1616 Datasheet HTML 4Page - Renesas Technology Corp 2SD1616 Datasheet HTML 5Page - Renesas Technology Corp 2SD1616 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1998
©
Document No. D16199EJ1V0DS00
Date Published April 2002 N CP(K)
Printed in Japan
SILICON TRANSISTORS
2SD1616, 2SD1616A
NPN SILICON EPITAXIAL TRANSISTOR
FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
FEATURES
•
Low VCE(sat):
VCE(sat) = 0.15 V TYP. (IC = 1.0 A, IB = 50 mA)
•
Large PT in small dimension with versatility
PT = 0.75 W, VCEO = 50/60 V, IC(DC) = 1.0 A
•
Complementary transistor with the 2SB1116 and 1116A
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Ratings
Parameter
Symbol
2SD1616 2SD1616A
Unit
Collector to base voltage
VCBO
60
120
V
Collector to emitter voltage
VCEO
50
60
V
Emitter to base voltage
VEBO
6.0
V
Collector current (DC)
IC(DC)
1.0
A
Collector current (pulse)
IC(Pulse)*2.0
A
Total power dissipation
PT
0.75
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 10 ms, duty cycle ≤ 50%
PACKAGE DRAWING (UNIT: mm)
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB = 60 V, IE = 0
100
nA
Emitter cutoff current
IEBO
VEB = 6.0 V, IC = 0
100
nA
DC current gain
hFE1**
VCE = 2.0 V, IC = 100 mA
135
600/400
−
DC current gain
hFE2**
VCE = 2.0 V, IC = 1.0 A
81
−
DC base voltage
VBE**
VCE = 2.0 V, IC = 50 mA
600
640
700
mV
Collector saturation voltage
VCE(sat)**
IC = 1.0 A, IB = 50 mA
0.15
0.3
V
Base saturation voltage
VBE(sat)**
IC = 1.0 A, IB = 50 mA
0.9
1.2
V
Output capacitance
Cob
VCB = 10 V, IE = 0, f = 1.0 MHz
19
pF
Gain bandwidth product
fT
VCE = 2.0 V, IC =
100 mA
100
160
MHz
Turn-on time
ton
0.07
µs
Storage time
tstg
0.95
µs
Fall time
tf
VCC = 10 V, IC = 100 mA
IB1 =
−IB2 = 10 mA
VBE(off) =
−2 to –3 V
0.07
µs
** Pulse test PW
≤ 350
µs, duty cycle ≤ 2% per pulsed
hFE1/hFE CLASSIFICATION L : 135 to 270 K : 200 to 400 U : 300 to 600 (U rank is not available for the 2SD1616A.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com