Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC856BS Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BC856BS
Description  65 V, 100 mA PNP/PNP general-purpose transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC856BS Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BC856BS Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC856BS Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC856BS Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC856BS Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC856BS Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC856BS Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC856BS Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC856BS Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC856BS Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© Nexperia B.V. 2017. All rights reserved
BC856BS_1
Product data sheet
Rev. 01 — 11 August 2009
3 of 12
Nexperia
BC856BS
65 V, 100 mA PNP/PNP general-purpose transistor
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
−80
V
VCEO
collector-emitter voltage
open base
-
−65
V
VEBO
emitter-base voltage
open collector
-
−6V
IC
collector current
-
−100
mA
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
−200
mA
IBM
peak base current
single pulse;
tp ≤ 1ms
-
−200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
200
mW
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
300
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
FR4 PCB, standard footprint
Fig 1.
Per device: Power derating curve SOT363 (SC-88)
Tamb (°C)
−75
175
125
25
75
−25
006aab618
200
300
100
400
500
Ptot
(mW)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com