Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BC856S Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # BC856S
Description  65 V, 100 mA PNP/PNP general-purpose transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC856S Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button BC856S Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC856S Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC856S Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC856S Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC856S Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC856S Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC856S Datasheet HTML 9Page - Nexperia B.V. All rights reserved BC856S Datasheet HTML 10Page - Nexperia B.V. All rights reserved BC856S Datasheet HTML 11Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Nexperia
BC856S
65 V, 100 mA PNP/PNP general-purpose transistor
12. Soldering
solder lands
solder resist
occupied area
solder paste
sot363_fr
2.65
2.35
0.4 (2×)
0.6
(2×)
0.5
(4×)
0.5
(4×)
0.6
(4×)
0.6
(4×)
1.5
1.8
Dimensions in mm
Fig. 11. Reflow soldering footprint for TSSOP6 (SOT363)
sot363_fw
solder lands
solder resist
occupied area
preferred transport
direction during soldering
5.3
1.3
1.3
1.5
0.3
1.5
4.5
2.45
2.5
Dimensions in mm
Fig. 12. Wave soldering footprint for TSSOP6 (SOT363)
BC856S
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2022. All rights reserved
Product data sheet
1 July 2022
8 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com