Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UCS3205 Datasheet(PDF) 4 Page - Microchip Technology

Part # UCS3205
Description  5A, 22V Bidirectional Load Switch with Fast Role Swap
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS3205 Datasheet(HTML) 4 Page - Microchip Technology

  UCS3205 Datasheet HTML 1Page - Microchip Technology UCS3205 Datasheet HTML 2Page - Microchip Technology UCS3205 Datasheet HTML 3Page - Microchip Technology UCS3205 Datasheet HTML 4Page - Microchip Technology UCS3205 Datasheet HTML 5Page - Microchip Technology UCS3205 Datasheet HTML 6Page - Microchip Technology UCS3205 Datasheet HTML 7Page - Microchip Technology UCS3205 Datasheet HTML 8Page - Microchip Technology UCS3205 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
UCS3205
DS20006433A-page 4
 2020 Microchip Technology Inc.
Power-on Reset
VIN, VOUT Undervoltage
Lockout Threshold
VUV_HIGH
2.25
2.45
V
VIN, VOUT Undervoltage
Lockout Threshold
VUV_LOW
2.05
2.24
V
VIN, VOUT Undervoltage
Lockout Hysteresis
VUVLO_HYS
—150
mV
I/O Pins – FRS, DIR, EN, LATCH, DSC, FAULT#, VOV
Output Low Voltage
VOL
——
0.4
V
ISINK_IO = 8 mA, FAULT#
Input High Voltage
VIH
1.26
V
EN, LATCH, DSC, FRS, DIR
Input Low Voltage
VIL
0.54
V
EN, LATCH, DSC, FRS, DIR
Leakage Current
ILEAK
±10
µA
Powered or unpowered,
VPULLUP ≤ (1.8V-5.5V) (Note 1)
Overvoltage Sense
Threshold
VOV
1.225
1.25
1.275
V
Switch Turn-On Delay for
FRS
tFRS_SWAP
——
60
µs
VIN = 5V, CIN = 100 µF,
COUT = 10 µF,
VOUT ≥ 90% of VIN (Note 1)
FRS Pre-Arm Ready Time
tFRS_PREARM
200
270
µs
Minimum FRS hold time before
EN = 1, VIN > VUV_HIGH
Digital Input Deglitch Time
tDIG_HOLD
20
µs
Digital input hold time to be
asserted
Interrupt Pins – AC Parameters
Start-up FAULT# Blanking
Time
tFAULT
2.5
2.6
2.7
ms
Blanking time, coming out of Reset
(Note 2)
FAULT# Pin Overcurrent
Masking Time
tMASK
8
10
12
ms
USB PD required masking time
FAULT# Pulse Width
tFAULT_ACK
40
51
65
ms
Minimum time for FAULT# pin to
remain set to ‘low’
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, TA = +25°C, VIN or VOUT = 2.85V to 22V.
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Conditions
Note 1: This parameter is characterized, not 100% tested.
2: This parameter is ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com