Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

8V97053 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 8V97053
Description  Low Power Wideband Fractional RF Synthesizer / PLL
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8V97053 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 8V97053 Datasheet HTML 17Page - Renesas Technology Corp 8V97053 Datasheet HTML 18Page - Renesas Technology Corp 8V97053 Datasheet HTML 19Page - Renesas Technology Corp 8V97053 Datasheet HTML 20Page - Renesas Technology Corp 8V97053 Datasheet HTML 21Page - Renesas Technology Corp 8V97053 Datasheet HTML 22Page - Renesas Technology Corp 8V97053 Datasheet HTML 23Page - Renesas Technology Corp 8V97053 Datasheet HTML 24Page - Renesas Technology Corp 8V97053 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
21
©2018–2023 Renesas Electronics Corporation
February 2, 2023
8V97053 Datasheet
Phase and Frequency Detector (PFD) and Charge Pump
The phase detector compares the outputs from the R counter and from the N counter and generates an output corresponding to the
phase and frequency difference between the two inputs the PFD. The charge pump current is programmable through the serial port (SPI)
to several different levels.
The PFD offers an anti-backlash function that helps to avoid any dead zone in the PFD transfer function.
Figure 3. Simplified PFD Circuit using D-type Flip-flop
The Band Select logic operates between 125kHz and 500kHz. The Band Select clock divider needs to be set to divide down the PFD
frequency to between 125kHz to 500kHz (logic maximum frequency).
PFD Frequency
The VCO Band Selection can be used while operating at PFD frequencies up to 310MHz.
If the application requires the PFD frequency to be higher than 125MHz, the user can use one of the following two techniques
(Technique A is the recommended procedure):
▪ Technique A – The user can use the ExtBndSelDiv[4:1] bits (Bits[D6:D3]) in Register 6. These additional band select divider bits
extend the band select divider from 8-bits (available in Register 4) to 12-bits. The four additional band select divider bits in Register 4
are the most significant bits of the divide value. For proper VCO band selection, the PFD frequency divided by the band select divide
value must be 500kHz and  125kHz.
▪ Technique B – If choosing this second technique, the user must follow the three following steps:
Disable the Phase Adjust function by setting the bit D28 In Register 1 to 0, keep the PFD frequency lower than 125MHz, and program the
desired VCO frequency.
Enable the phase adjust function by setting BAND_SEL_DISABLE (Bit D28 in Register 1) to 1.
Set the desired PFD frequency and program the relevant
R divider and N counter values.
In either technique, the Lock Detect Precision should be programmed to be lower than the PFD period using the bit [D7] in Register 2 and
the bits [D27:D26] in Register 6 (see Table 11).
D1
Q1
VDD
REF_IN x (1+D)/R
D1
Q1
FB
CP_OUT
VDD
DELAY
ICP
ICP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com