Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CDLL4100-1 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # CDLL4100-1
Description  500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL4100-1 Datasheet(HTML) 5 Page - Microsemi Corporation

  CDLL4100-1 Datasheet HTML 1Page - Microsemi Corporation CDLL4100-1 Datasheet HTML 2Page - Microsemi Corporation CDLL4100-1 Datasheet HTML 3Page - Microsemi Corporation CDLL4100-1 Datasheet HTML 4Page - Microsemi Corporation CDLL4100-1 Datasheet HTML 5Page - Microsemi Corporation CDLL4100-1 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
T4-LDS-0245, Rev. 2 (5/31/13)
©2013 Microsemi Corporation
Page 5 of 6
1N4614UR-1 – 1N4627UR-1e3,
1N4099UR-1 – 1N4135UR-1e3
NOTE 1: These may be ordered as either 1N4614UR-1 thru 1N4627UR-1 and 1N4099UR-1 thru 1N4135UR-1 or CDLL4614-1 thru CDLL4627-1 and
CDLL4099-1 thru CDLL4135-1. For 1N military types, add the JAN, JANTX, JANTXV prefix for required screening to the industry part
number.
NOTE 2: The JEDEC type numbers shown above have a standard tolerance of +/-5% on the nominal Zener voltage. VZ is measured with the diode in
thermal equilibrium (still air) at 25
oC for end-cap terminations.
NOTE 3: Zener impedance is derived by superimposing on IZT a 60 Hz rms ac current at 10% of IZT. See MicroNote 202 for ZZT variation with IZ.
GRAPHS
FIGURE 1 – Noise Density Measurement Circuit
Noise density, (ND) is specified in microvolt-rms per square-root-hertz.
Actual measurement is performed using a 1 KHz to 3 KHz frequency
bandpass filter at a constant Zener test current (IZT) at 25
oC ambient
temperature. ND is calculated from the formula.
Zener Voltage VZ
FIGURE 3 – Capacitance vs. Zener Voltage (Typical)
Temperature (
oC)
FIGURE 2 – Power Derating Curve



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com