Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BCP55_SER Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BCP55_SER
Description  60 V, 1 A NPN medium power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BCP55_SER Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BCP55_SER Datasheet HTML 1Page - Nexperia B.V. All rights reserved BCP55_SER Datasheet HTML 2Page - Nexperia B.V. All rights reserved BCP55_SER Datasheet HTML 3Page - Nexperia B.V. All rights reserved BCP55_SER Datasheet HTML 4Page - Nexperia B.V. All rights reserved BCP55_SER Datasheet HTML 5Page - Nexperia B.V. All rights reserved BCP55_SER Datasheet HTML 6Page - Nexperia B.V. All rights reserved BCP55_SER Datasheet HTML 7Page - Nexperia B.V. All rights reserved BCP55_SER Datasheet HTML 8Page - Nexperia B.V. All rights reserved BCP55_SER Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Nexperia
BCP55 series
60 V, 1 A NPN medium power transistors
9. Thermal characteristics
Table 7. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1]
-
-
192
K/W
[2]
-
-
125
K/W
Rth(j-a)
thermal resistance from junction to ambient
in free air
[3]
-
-
93
K/W
Rth(j-sp)
thermal resistance from junction to solder point
-
-
16
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated; monting pad for collector 1 cm2.
[3] Device mounted on an FR4 PCB, single-sided copper, tin-plated; monting pad for collector 6 cm2.
006aac677
10
1
102
103
Zth(j-a)
(K/W)
10- 1
10- 5
10
10- 2
10- 4
102
10- 1
tp (s)
10- 3
103
1
0
duty cycle = 1
0.01
0.02
0.05
0.1
0.2
0.33
0.5
0.75
FR4 PCB, single-sided, tin-plated and standard footprint
Fig. 2. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aac678
10
1
102
103
Zth(j-a)
(K/W)
10- 1
10- 5
10
10- 2
10- 4
102
10- 1
tp (s)
10- 3
103
1
0
duty cycle = 1
0.01
0.02
0.05
0.1
0.2
0.33
0.5
0.75
FR4 PCB, single-sided copper, tin-plated; mounting pad for collector 1 cm2.
Fig. 3. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
BCP55_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 9 — 1 July 2022
4 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com