Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST25TB04K Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST25TB04K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TB04K Datasheet(HTML) 3 Page - STMicroelectronics

  ST25TB04K Datasheet HTML 1Page - STMicroelectronics ST25TB04K Datasheet HTML 2Page - STMicroelectronics ST25TB04K Datasheet HTML 3Page - STMicroelectronics ST25TB04K Datasheet HTML 4Page - STMicroelectronics ST25TB04K Datasheet HTML 5Page - STMicroelectronics ST25TB04K Datasheet HTML 6Page - STMicroelectronics ST25TB04K Datasheet HTML 7Page - STMicroelectronics ST25TB04K Datasheet HTML 8Page - STMicroelectronics ST25TB04K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
Die floor plan and physical options related to the die assembly are described in Figure 2.
Figure 2. Die floor plan and assembly options
For the option 1 of the die assembly, the CTUN (referenced in Table 2) can increase from 0.5pF to 1pF. The
option 2 of the die assembly is showing a tripod which can be used for physical stability, having no impact on
CTUN parameter.
ST25TB04K
Description
DS11364 - Rev 7
page 3/47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com