Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT25QL128A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # AT25QL128A
Description  1.7 V Minimum, 128-Mbit SPI Serial Flash Memory with Dual I/O, Quad I/O, and QPI Support
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25QL128A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button AT25QL128A Datasheet HTML 6Page - Renesas Technology Corp AT25QL128A Datasheet HTML 7Page - Renesas Technology Corp AT25QL128A Datasheet HTML 8Page - Renesas Technology Corp AT25QL128A Datasheet HTML 9Page - Renesas Technology Corp AT25QL128A Datasheet HTML 10Page - Renesas Technology Corp AT25QL128A Datasheet HTML 11Page - Renesas Technology Corp AT25QL128A Datasheet HTML 12Page - Renesas Technology Corp AT25QL128A Datasheet HTML 13Page - Renesas Technology Corp AT25QL128A Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
DS-AT25QL128A-129 Rev. G
Page 10
Nov 1, 2022
© 2022 Renesas Electronics
AT25QL128A Datasheet
HOLD
(I/O3)
HOLD
The HOLD pin is used to temporarily pause serial communication without deselecting
or resetting the device. While the HOLD pin is asserted, transitions on the SCK pin
and data on the SI pin are ignored, and the SO pin is placed in a high-impedance
state.
The CS pin must be asserted, and the SCK pin must be in the low state in order for a
Hold condition to start. A Hold condition pauses serial communication only and does
not have an effect on internally self-timed operations such as a program or erase
cycle.
With the Quad-Input Byte/Page Program command, the HOLD pin becomes an input
pin (I/O3) and with other pins, allows four bits (on I/O3-0) of data to be clocked in on
every rising edge of SCK. With the Quad-Output Read commands, the HOLD Pin
becomes an output pin (I/O3) in conjunction with other pins to allow four bits of data on
(I/O33-0) to be clocked in on every falling edge of SCK. To maintain consistency with
SPI nomenclature, the HOLD (I/O3) pin is referenced as the HOLD pin unless
specifically addressing the Quad-I/O modes, in which case it is referenced as I/O3.
The HOLD pin does not have an internal pull-up; thus, it must be either driven or, if not
used, pulled up with an external resistor to VCC. See Figure 1 and Figure 2 for the pin
configuration of Quad I/O and QPI operation.
Input/Output
VCC
DEVICE POWER SUPPLY:
VCC is the supply voltage. It is the single voltage used for all device functions,
including read, program, and erase. The VCC pin is used to supply the source voltage
to the device. Operations at invalid VCC voltages can produce spurious results; do
not attempt this.
Power
GND
GROUND:
VSS is the reference for the VCC supply voltage. The ground reference for the power
supply. Connect GND to the system ground.
Power
Table 1. Pin Descriptions (Continued)
Symbol
Name and Function
Asserted
State
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com