Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LIS2L01 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LIS2L01
Description  INERTIAL SENSOR : 2Axis/1g LINEAR ACCELEROMETER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2L01 Datasheet(HTML) 2 Page - STMicroelectronics

  LIS2L01 Datasheet HTML 1Page - STMicroelectronics LIS2L01 Datasheet HTML 2Page - STMicroelectronics LIS2L01 Datasheet HTML 3Page - STMicroelectronics LIS2L01 Datasheet HTML 4Page - STMicroelectronics LIS2L01 Datasheet HTML 5Page - STMicroelectronics LIS2L01 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LIS2L01
2/6
PIN DESCRIPTION
PIN CONNECTION (Top view)
N°
Pin
Function
1 to 5
NC
Internally not connected
6, 9, 10
Reserved
Leave unconnected or connect to GND
7, 8
Reserved
Leave unconnected or connect to Vdd
11, 12
NC
Internally not connected
13
Vdd
5V Supply
14
GND
0V Supply
15
VoutX
Voltage Output
16
ST
Self Test
17
VoutY
Voltage Output
18
Reserved
Leave unconnected or connect to GND
19
Reserved
Leave unconnected or connect to Vdd
20 to 24
NC
Internally not connected
N.C.
N.C.
N.C.
N.C.
N.C.
RESERVED
RESERVED
RESERVED
RESERVED
ST
VoutY
RESERVED
N.C.
RESERVED
N.C.
N.C.
N.C.
N.C.
1
3
2
4
5
6
7
8
9
22
21
20
19
18
16
17
15
23
10
24
RESERVED
VoutX
D01IN1314
N.C.
GND
11
14
13
12
N.C.
Vdd
DIRECTION OF THE
DETECTABLE
ACCELERATION
X
Y



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com