Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BLUENRG-LPS Datasheet(PDF) 2 Page - STMicroelectronics

Part # BLUENRG-LPS
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-LPS Datasheet(HTML) 2 Page - STMicroelectronics

  BLUENRG-LPS Datasheet HTML 1Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 2Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 3Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 4Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 5Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 6Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 7Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 8Page - STMicroelectronics BLUENRG-LPS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
Clock sources
64 MHz PLL
Fail safe 32 MHz crystal oscillator with integrated trimming capacitors
32 kHz crystal oscillator
Internal low-power 32 kHz RO
On-chip non-volatile flash memory of 192 Kbytes
On-chip RAM of 24 Kbytes + 4 Kbytes PKA RAM
One-time-programmable (OTP) memory area of 1 Kbytes
Embedded UART bootloader
Ultra-low power modes with or without timer and RAM retention
Quadrature decoder
Enhanced security mechanisms such as:
Flash read/write protection
SWD disabling
Secure bootloader
Security features
True random number generator (RNG)
Hardware encryption AES maximum 128-bit security co-processor
HW public key accelerator (PKA)
Cryptographic algorithms: RSA, Diffie-Helman, ECC over GF(p)
CRC calculation unit
64-bit unique ID
System peripherals
1x DMA controller with 8 channels supporting ADC, SPI-I2S, I2C, USART, LPUART, TIMERS
1x SPI with I2S interface multiplexed
1x I2C (SMBus/PMBus)
1x LPUART (low power)
1x USART (ISO 7816 smartcard mode, IrDA, SPI Master and Modbus)
1x independent WDG
1x real-time clock (RTC)
1x independent SysTick
1x 16-bits, four channel general purpose timer
2x 16-bits, two channel general purpose timer
Infrared interface
Up to 20 fast I/Os
All of them with wake-up capability
All of them retain state in low-power
All of them 5 V tolerant
Analog peripherals
12-bit ADC with 8 input channels, up to 16 bits with down sampler
Battery monitoring
Analog watchdog
Development support
Serial wire debug (SWD)
4 breakpoints and 2 watchpoints
All packages are ECOPACK2 compliant
BlueNRG-LPS
DS13819 - Rev 4
page 2/67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com