Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6983IQTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6983IQTR
Description  38 V, 10 W synchronous iso-buck converter for isolated applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983IQTR Datasheet(HTML) 2 Page - STMicroelectronics

  L6983IQTR Datasheet HTML 1Page - STMicroelectronics L6983IQTR Datasheet HTML 2Page - STMicroelectronics L6983IQTR Datasheet HTML 3Page - STMicroelectronics L6983IQTR Datasheet HTML 4Page - STMicroelectronics L6983IQTR Datasheet HTML 5Page - STMicroelectronics L6983IQTR Datasheet HTML 6Page - STMicroelectronics L6983IQTR Datasheet HTML 7Page - STMicroelectronics L6983IQTR Datasheet HTML 8Page - STMicroelectronics L6983IQTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
1
Pin configuration
Figure 1. Pin connection (top view)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
E.P.
VIN
VINLDO
AGND
EN/CLKIN(*)
VCC
AGND
BOOT
VIN
1
Table 1. Pin description
Pin n°
Symbol
Function
1
VIN
DC input voltage
2
VINLDO
DC input voltage connects to the supply rail with a simple RC filter.
3
AGND
Analog ground
4
EN / CLKIN
Enable pin with internal voltage divider. Pull down/up to disable/
enable the device. This pin is also used to provide an external clock
signal, which synchronizes the device.
5
PGOOD
The PGOOD open collector output is driven to low impedance when
the output voltage is out of regulation and released once the output
voltage becomes valid.
6
VBIAS
Typically connected to the regulated output voltage, an external
voltage source can be used to supply part of the analog circuitry to
reduce current consumptions at light load. Connect to AGND if not
used.
7
FB
FB is output voltage sensing with external voltage divider.
8
FSW
Connect an external resistor to program the oscillator frequency and
enable optional dithering.
9
VCC
This pin supplies the embedded analog circuitry. Connect a ceramic
capacitor (≥ 1 μF) to filter internal voltage reference.
10
AGND
Analog ground
L6983I
Pin configuration
DS14040 - Rev 1
page 2/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com