Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSPT855 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # CSPT855
Description  2.5V PHASE LOCKED LOOP CLOCK DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CSPT855 Datasheet(HTML) 4 Page - Renesas Technology Corp

  CSPT855 Datasheet HTML 1Page - Renesas Technology Corp CSPT855 Datasheet HTML 2Page - Renesas Technology Corp CSPT855 Datasheet HTML 3Page - Renesas Technology Corp CSPT855 Datasheet HTML 4Page - Renesas Technology Corp CSPT855 Datasheet HTML 5Page - Renesas Technology Corp CSPT855 Datasheet HTML 6Page - Renesas Technology Corp CSPT855 Datasheet HTML 7Page - Renesas Technology Corp CSPT855 Datasheet HTML 8Page - Renesas Technology Corp CSPT855 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDTCSPT855
2.5V PLL CLOCK DRIVER
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA = 0°C to +70°C; Industrial: TA = –40°C to +85°C
Symbol
Parameter
Conditions
Min.
Typ.(1)
Max.
Unit
VIK
Input Voltage (All Inputs)
VDDQ = 2.3V, II = -18mA
—
—
– 1.2
V
VOH
HIGH-Level Output Voltage
VDDQ = Min. to Max., IOH = -1mA
VDDQ – 0.1
—
—
V
VDDQ = 2.3V, IOH = -12mA
1.7
—
—
VOL
LOW-Level Output Voltage
VDDQ = Min. to Max., IOL = 1mA
—
—
0.1
V
VDDQ = 2.3V, IOL = 12mA
—
—
0.6
IOH
HIGH-Level Output Current
VDDQ = 2.3V, VO = 1V
– 18
– 32
—
mA
IOL
LOW-Level Output Current
VDDQ = 2.3V, VO = 1.2V
26
35
—
mA
VOD
Output Voltage Swing
Differentialoutputsareterminatedwith120
Ω
1.1
—
VDDQ – 0.4
V
VOX
Output Differential Cross Voltage(2)
Differentialoutputsareterminatedwith120
Ω
VDDQ/2 – 0.2
VDDQ/2
VDDQ/2 + 0.2
V
II
InputCurrent
VDDQ = 2.7V, VI = 0V to 2.7V
—
—
±10
μA
IOZ
High-ImpedanceStateOutputCurrent
VDDQ = 2.7V, VO = VDDQ or GND
—
—
±10
μA
IDD(PD)
Power-Down Current on VDDQ and AVDD
CLK and
CLK = 0MHz, PWRDWN = LOW,
—
100
200
μA
Σ of IDD and AIDD
IDD
Dynamic Current on VDDQ
CL = 14pF
fO = 167MHz, Differential outputs terminated with 120
Ω
—
150
180
mA
CL = 0pF
fO = 167MHz, Differential outputs terminated with 120
Ω
—
130
160
AIDD
Supply Current on AVDD
fO = 167MHz
—
8
10
mA
CI
InputCapacitance
VDDQ = 2.5V, VI = VDDQ or GND
2
2.5
3
pF
CO
OutputCapacitance
VDDQ = 2.5V, VI = VDDQ or GND
2.5
3
3.5
pF
NOTES:
1. All typical values are at respective nominal VDDQ.
2. Differential cross-point voltage is expected to track variation of VDDQ and is the voltage at which the differential signals must be crossing.
TIMING REQUIREMENTS
Symbol
Parameter
Min.
Max.
Unit
fCLK
Operating Clock Frequency
60
220
MHz
tDC
Input Clock Duty Cycle
40
60
%
tL
Stabilization Time (PLL Mode)(1)
—10
μs
tL
Stabilization Time (Bypass Mode)(2)
—30
ns
NOTES:
1. Recovery time required when the device goes from power-down mode into bypass mode (test mode with AVDD at GND).
2. Time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be obtained, a fixed-frequency, fixed-phase reference
signal must be present at CLK. Until phase lock is obtained, the specifications for propagation delay, skew, and jitter parameters given in the switching characteristics table are
not applicable. This parameter does not apply for input modulation under SSC application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com