Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ERTEC Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 13Page - Renesas Technology Corp ERTEC Datasheet HTML 14Page - Renesas Technology Corp ERTEC Datasheet HTML 15Page - Renesas Technology Corp ERTEC Datasheet HTML 16Page - Renesas Technology Corp ERTEC Datasheet HTML 17Page - Renesas Technology Corp ERTEC Datasheet HTML 18Page - Renesas Technology Corp ERTEC Datasheet HTML 19Page - Renesas Technology Corp ERTEC Datasheet HTML 20Page - Renesas Technology Corp ERTEC Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
17
Data Sheet A17989EE2V0DS00
µPD800261
Table 1-4: PHY Interface Pin Functions
Pin Name
I/O
Function
Alternate Function
P(2:1)TxN
O
Differential transmit data output
-
P(2:1)TxP
O
Differential transmit data output
-
P(2:1)TDxN
O
Differential FX transmit data output
-
P(2:1)TDxP
O
Differential FX transmit data output
-
P(2:1)RxN
I
Differential receive data input
-
P(2:1)RxP
I
Differential receive data input
-
P(2:1)RDxN
I
Differential FX receive data input
-
P(2:1)RDxP
I
Differential FX receive data input
-
P(2:1)SDxN
I
Differential FX signal detect input
-
P(2:1)SDxP
I
Differential FX signal detect input
-
EXTRES
I/O
External reference resistor (12.4 k
Ω) Note -
Note: The external resistor must have a maximum tolerance of 1%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com