Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DA7281-00FVC Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # DA7281-00FVC
Description  LRA/ERM Haptic Driver with Multiple I²C Addresses, Integrated Waveform Memory, and Wideband Support
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7281-00FVC Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button DA7281-00FVC Datasheet HTML 28Page - Renesas Technology Corp DA7281-00FVC Datasheet HTML 29Page - Renesas Technology Corp DA7281-00FVC Datasheet HTML 30Page - Renesas Technology Corp DA7281-00FVC Datasheet HTML 31Page - Renesas Technology Corp DA7281-00FVC Datasheet HTML 32Page - Renesas Technology Corp DA7281-00FVC Datasheet HTML 33Page - Renesas Technology Corp DA7281-00FVC Datasheet HTML 34Page - Renesas Technology Corp DA7281-00FVC Datasheet HTML 35Page - Renesas Technology Corp DA7281-00FVC Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
DA7281
LRA/ERM Haptic Driver with Multiple I²C
Addresses, Integrated Waveform Memory, and
Wideband Support
Datasheet
Revision 3.1
10-Feb-2022
CFR0011-120-00
32 of 87
© 2022 Renesas Electronics
I
2C write to stop driving
I
2C writes to start driving
Write to register
OVERRIDE_VAL
Output starts
switching
Write
OPERATION_
MODE = 1
IDLE/STANDBY
DRIVE
Write
OPERATION_
MODE = 0
DA7281
stops
driving
Change
OVERRIDE_VAL
Drive
amplitude
changes
The allowable range
differs depending on
the state of
ACCELERATION_EN
Figure 13: Operation in DRO Mode
5.6.5.3
PWM Mode
Figure 14 shows how to operate the device in PWM mode.
1. Starting from either the IDLE or STANDBY state, apply a PWM signal to the GPI/PWM pin.
2. When ready to begin playback, set OPERATION_MODE = 2. The output will begin switching
after approximately 0.75 ms with a drive amplitude proportional to the duty cycle of the incoming
PWM signal.
3. While in the DRIVE state, update the duty cycle of the PWM signal to drive a new amplitude level
and create the desired envelope of the haptic sequence. If the duty cycle of the PWM signal falls
below the threshold set by FULL_BRAKE_THR, it is interpreted as a zero output drive level.
4. In order to stop driving, set OPERATION_MODE = 0. DA7281 will return to either the IDLE or
STANDBY state depending on the value of STANDBY_EN.
Note: The duty cycle of the PWM signal is interpreted differently depending on the value of
ACCELERATION_EN. If ACCELERATION_EN = 1, then zero drive corresponds to 50 % duty cycle
±



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com