Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADC0803CD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # ADC0803CD
Description  CMOS 8-bit A/D converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC0803CD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button ADC0803CD Datasheet HTML 5Page - NXP Semiconductors ADC0803CD Datasheet HTML 6Page - NXP Semiconductors ADC0803CD Datasheet HTML 7Page - NXP Semiconductors ADC0803CD Datasheet HTML 8Page - NXP Semiconductors ADC0803CD Datasheet HTML 9Page - NXP Semiconductors ADC0803CD Datasheet HTML 10Page - NXP Semiconductors ADC0803CD Datasheet HTML 11Page - NXP Semiconductors ADC0803CD Datasheet HTML 12Page - NXP Semiconductors ADC0803CD Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Philips Semiconductors
Product data
ADC0803/0804
CMOS 8-bit A/D converters
2002 Oct 17
9
TYPICAL PERFORMANCE CHARACTERISTICS
fCLK = 1 MHz
CS = H
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
–50 –25
0
25
50
75
100 125
AMBIENT TEMPERATURE (
°C)
10.0
8.0
6.0
4.0
2.0
1.0
0.8
0.6
0.4
0.2
0.1
10
20
40 60 80100
200
400 600 1000
CLOCK CAP (pF)
MAX.
TYP.
MIN.
5
4
3
2
1
0
–1
–2
–3
–4
–5
01
2
3
4
5
APPLIED VREF/2 (V)
1.70
1.60
1.50
1.40
1.30
4.50
4.75
5.00
5.25
5.50
–55
°C
+25
°C
+125
°C
VCC SUPPLY VOLTAGE (V)
–55
°C ≤ Tamb ≤ 125 °C
VT+
VT
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
4.50
4.75
5.00
5.25
5.50
VCC SUPPLY VOLTAGE (V)
18
16
14
12
10
8
6
–50
–25
0
25
50
75
100
125
AMBIENT TEMPERATURE (oC)
VCC = 5.0 V
VO = 2.5 V
VO = 0.4 V
VCC = 5.0 V
VREF/2 = 2.5 V
4
3
2
1
0
0
20
40
60
80
100
120
CONVERSION TIME (
µs)
VCC = 5.0 V
Tamb = 25
oC
350
300
250
200
150
100
50
0
0
200
400
600
800
1000
LOAD CAPACITANCE (pF)
Power Supply Current vs
Temperature
Clock Frequency vs
Clock Capacitor
Input Current vs
Applied Voltage at VREF/2 Pin
Logic Input Threshold
Voltage vs Supply Voltage
CLK–IN Threshold Voltage vs
Supply Voltage
Output Current vs
Temperature
Full Scale Error vs
Conversion Time
Delay From RD Falling
Edge to Data Valid vs
Load Capacitance
5.5 V
5.0 V
4.5 V
SL00018
VCC = 5.0 V
Tamb = 25 oC
Figure 3. Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com